Electronic Components Datasheet Search
  English  ▼

X  

TDA8760 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8760
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8760 Datasheet HTML 13Page - NXP Semiconductors TDA8760 Datasheet HTML 14Page - NXP Semiconductors TDA8760 Datasheet HTML 15Page - NXP Semiconductors TDA8760 Datasheet HTML 16Page - NXP Semiconductors TDA8760 Datasheet HTML 17Page - NXP Semiconductors TDA8760 Datasheet HTML 18Page - NXP Semiconductors TDA8760 Datasheet HTML 19Page - NXP Semiconductors TDA8760 Datasheet HTML 20Page - NXP Semiconductors TDA8760 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1996 Sep 12
17
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
f (MHz)
0
–20.2
–40.4
–60.6
–80.8
–101
–121
amplitude
(dB)
MRC299
10.0
0
1.25
2.50
3.75
5.00
6.25
7.50
8.75
Fig.8 Fast Fourier Transformer (fclk = 20 MHz; fi = 4.43 MHz); for differential input mode.
Effective bits: 9.1; THD =
−65.81 dB;
Harmonic levels (dB): 2nd =
−75.54; 3rd = −76.29; 4th = −74.90; 5th = −67.50; 6th = −90.87.
Fig.9 Fast Fourier Transformer (fclk = 40 MHz; fi = 4.43 MHz); for differential input mode.
Effective bits: 8.92; THD =
−65.86 dB;
Harmonic levels (dB): 2nd =
−70.92; 3rd = −68.48; 4th = −75.32; 5th = − 81.40; 6th = −72.69.
0
2.5
5
7.5
10
12.5
15
17.5
20
f (MHz)
0
–20
–40
–60
–80
–100
–120
amplitude
(dB)
MBD220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com