Electronic Components Datasheet Search
  English  ▼

X  

TDA8760 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8760
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8760 Datasheet HTML 1Page - NXP Semiconductors TDA8760 Datasheet HTML 2Page - NXP Semiconductors TDA8760 Datasheet HTML 3Page - NXP Semiconductors TDA8760 Datasheet HTML 4Page - NXP Semiconductors TDA8760 Datasheet HTML 5Page - NXP Semiconductors TDA8760 Datasheet HTML 6Page - NXP Semiconductors TDA8760 Datasheet HTML 7Page - NXP Semiconductors TDA8760 Datasheet HTML 8Page - NXP Semiconductors TDA8760 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1996 Sep 12
2
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
FEATURES
• 10-bit resolution
• Sampling rate up to 40 MHz
• Total Harmonic Distortion (THD): −65 dB at 4.43 MHz
full-scale and a 40 MHz clock frequency
• High signal-to-noise ratio over a large analog input
frequency range (8.8 effective bits at 10 MHz full-scale
input at a 40 MHz clock frequency)
• +5 V power supplies
• Binary or two’s complement 3-state TTL outputs
• In-range 3-state TTL output
• TTL compatible digital inputs
• LOW-level AC clock input signal allowed
• Power dissipation 850 mW (typical)
• Low analog input capacitance (typ. 4.5 pF), no buffer
amplifier required
• No external sample-and-hold circuit required
• Analog Input; single or differential
• External amplitude range control
• Voltage controlled regulator included.
APPLICATIONS
• High-speed analog-to-digital conversion for
– Video signal digitizing
– High Definition TV (HDTV)
– Digital video broadcasting (satellite and cable)
– Transient signal analysis
– High energy physics research
– Sigma-delta (SD) modulators
– Medical imaging
– Radar pulse digitizing.
GENERAL DESCRIPTION
The TDA8760 is a monolithic bipolar 10-bit
Analog-to-Digital Converter (ADC) for video or other
applications. It converts the analog input signal into 10-bit
binary coded digital words at a maximum sampling rate of
40 MHz. All digital inputs and outputs are TTL compatible.
However, a sine wave clock input signal is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com