Electronic Components Datasheet Search
  English  ▼

X  

APX1117 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # APX1117
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX1117 Datasheet(HTML) 7 Page - Diodes Incorporated

  APX1117 Datasheet HTML 1Page - Diodes Incorporated APX1117 Datasheet HTML 2Page - Diodes Incorporated APX1117 Datasheet HTML 3Page - Diodes Incorporated APX1117 Datasheet HTML 4Page - Diodes Incorporated APX1117 Datasheet HTML 5Page - Diodes Incorporated APX1117 Datasheet HTML 6Page - Diodes Incorporated APX1117 Datasheet HTML 7Page - Diodes Incorporated APX1117 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
APX1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
APX1117 Rev. 1
7 of 8
JUNE 2007
www.diodes.com
© Diodes Incorporated
Package Information
(All Dimensions in mm)
(1) TO252-3L
5.20/5.50 Typ 5.35
6.354/6.80 Typ 6.58
2.28
BSC.
0.61 Typ
4.57 BSC.
9.00/10.40 Typ 9.70
SEATING
PLANE
0.51
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
2.18/2.40
Typ 2.29
0.45/0.58
Typ 0.52
0.64/1.02
Typ 0.83
0.45/0.58
Typ 0.52
0.89/
1.14
(2) SOT223-3L
1.50/2.00
Nom 2.00
6.30/6.70 Nom 6.50
2.90 3.15 Ref.
4.6 Basic
13°
0.60/0.70
Nom 0.80
0.91/1.10
Nom 1.00 Seating Plane
3.3
2.3
1.2
Land Pattern Recommendation (Unit: mm)
2.3 Basic
13°
3.30/3.70
Nom 3.50
0.28/0.32
Nom 0.30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com