Electronic Components Datasheet Search
  English  ▼

X  

APX1117 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APX1117
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX1117 Datasheet(HTML) 2 Page - Diodes Incorporated

  APX1117 Datasheet HTML 1Page - Diodes Incorporated APX1117 Datasheet HTML 2Page - Diodes Incorporated APX1117 Datasheet HTML 3Page - Diodes Incorporated APX1117 Datasheet HTML 4Page - Diodes Incorporated APX1117 Datasheet HTML 5Page - Diodes Incorporated APX1117 Datasheet HTML 6Page - Diodes Incorporated APX1117 Datasheet HTML 7Page - Diodes Incorporated APX1117 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
APX1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
APX1117 Rev. 1
2 of 8
JUNE 2007
www.diodes.com
© Diodes Incorporated
(1) TO252-3L
3
2
1
VIN
VOUT
Tab is VOUT
( Top View )
Adj (GND)
(2) SOT223-3L
V IN
V OUT
A dj (G ND)
Tab is V OUT
( T op V iew )
3
2
1
Name
I/O
PIN #
Descripitions
Adj (GND)
I
1
A resistor divider from this pin to the VOUT pin and ground sets the output
voltage (Ground only for Fixed-Mode).
VOUT
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15Ω ≤ ESR ≤
20Ω) must be connected from this pin to ground to insure stability.
VIN
I
3
The input pin of regulator. Typically a large storage capacitor (0.15Ω ≤ ESR
≤ 20Ω) is connected from this pin to ground to insure that the input voltage
does not sag below the minimum dropout voltage during the load transient
response. This pin must always be 1.3V higher than VOUT in order for the
device to regulate properly.
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com