Electronic Components Datasheet Search
  English  ▼

X  

AD8351ARM Datasheet(PDF) 11 Page - Analog Devices

Part # AD8351ARM
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8351ARM Datasheet HTML 7Page - Analog Devices AD8351ARM Datasheet HTML 8Page - Analog Devices AD8351ARM Datasheet HTML 9Page - Analog Devices AD8351ARM Datasheet HTML 10Page - Analog Devices AD8351ARM Datasheet HTML 11Page - Analog Devices AD8351ARM Datasheet HTML 12Page - Analog Devices AD8351ARM Datasheet HTML 13Page - Analog Devices AD8351ARM Datasheet HTML 14Page - Analog Devices AD8351ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
AD8351
Rev. D | Page 11 of 19
Figure 27. Common-Mode Rejection Ratio, CMRR (RS = 100 Ω)
Figure 28. Transient Response Under Capacitive Loading
(RL = 150 Ω, CL = 0 pF, 2 pF, 5 pF, 10 pF)
Figure 29. 2× Output Overdrive Recovery (RL = 150 Ω, AV = 10 dB)
Figure 30. Overdrive Recovery Using Sinusoidal Input Waveform RL = 150 Ω
(AV = 10 dB, at 5 V Supplies)
Figure 31. Large Signal Transient Response for a 1 V p-p Output Step
(AV = 10 dB, RIP = 25 Ω)
Figure 32. 1% Settling Time for a 2 V p-p Step (AV = 10 dB, RL = 150 Ω)
1
10
100
1000
FREQUENCY (MHz)
20
80
70
60
50
40
30
RL = 150Ω
RL = 1kΩ
15
25
24
23
22
21
20
19
18
17
16
TIME (ns)
–0.6
0.6
0.4
0.2
0
–0.2
–0.4
0pF
5pF
10pF
2pF
040
35
30
25
20
15
10
5
TIME (ns)
5.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4.5
050
45
40
35
30
25
20
15
10
5
TIME (ns)
3
2
1
0
–1
–2
–3
VIN
VOUT
04.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TIME (ns)
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
015
12
9
6
3
TIME (ns)
5
–5
–4
–3
–2
–1
0
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com