Electronic Components Datasheet Search
  English  ▼

X  

AD8351ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD8351ARM
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8351ARM Datasheet HTML 11Page - Analog Devices AD8351ARM Datasheet HTML 12Page - Analog Devices AD8351ARM Datasheet HTML 13Page - Analog Devices AD8351ARM Datasheet HTML 14Page - Analog Devices AD8351ARM Datasheet HTML 15Page - Analog Devices AD8351ARM Datasheet HTML 16Page - Analog Devices AD8351ARM Datasheet HTML 17Page - Analog Devices AD8351ARM Datasheet HTML 18Page - Analog Devices AD8351ARM Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AD8351
Data Sheet
Rev. D | Page 18 of 19
Table 6. Evaluation Board Configuration Options
Component
Function
Default Condition
P1-1, P1-2,
VPOS, AGND
Supply and Ground Pins.
Not Applicable
P1-3
Common-Mode Offset Pin. Allows for monitoring or adjustment of the output
common-mode voltage.
Not Applicable
W1, R7, P1-4,
R17, R18
Device Enable. Configured such that switch W1 disables the device when Pin 1 is set to
ground. Device can be disabled remotely using Pin 4 of header P1.
W1 = Installed
R7 = 0 Ω (Size 0603)
R17 = R18 = 0 Ω (Size 0603)
R2, R3, R4, R5,
R8, R12, T1, C4,
C5
Input Interface. R3 and R12 are used to ground one side of the differential drive
interface for single-ended applications. T1 is a 1-to-1 impedance ratio balun used to
transform a single-ended input into a balanced differential signal. R2 and R4 are used
to provide a differential 50 Ω input termination. R5 and R8 can be increased to reduce
gain peaking when driving from a high source impedance. The 50 Ω termination
provides an insertion loss of 6 dB. C4 and C5 are used to provide ac coupling.
R2 = R4 = 24.9 Ω (Size 0805)
R3 = Open (Size 0603)
R5 = R8 = R12 = 0 Ω (Size 0603)
C4 = C5 = 10 0 nF (Size 0603)
T1 = Macom™ ETC1-1-13
R9, R10, R11,
R13, R14, R15,
R16, T2, C4, C5,
C6, C7
Output Interface. R13 and R14 are used to ground one side of the differential output
interface for single-ended applications. T2 is a 1-to-1 impedance ratio balun used to
transform a balanced differential signal into a single-ended signal. R9, R10, and R11 are
provided for generic placement of matching components. R15 and R16 allow additional
output series resistance when driving capacitive loads. The evaluation board is configured
to provide a 150 Ω to 50 Ω impedance transformation with an insertion loss of 9.9 dB.
C4 through C7 are used to provide ac coupling.
R9 = R10 = 61.9 Ω (Size 0603)
R11 = 61.9 Ω (Size 0603)
R13 = Open (Size 0603)
R14 = 0 Ω (Size 0603)
R15 = R16 = 0 Ω (Size 0402)
C4 = C5 = 100 nF (Size 0603)
C6 = C7 = 100 nF (Size 0603)
T2 = Macom ETC1-1-13
R1
Gain Setting Resistor. Resistor R1 is used to set the gain of the device. Refer to Figure 5
when selecting gain resistor. When R1 is 100 Ω, the overall system gain of the
evaluation board is approximately −6 dB.
R1 = 100 Ω (Size 0603)
C2
Power Supply Decoupling. The supply decoupling consists of a 100 nF capacitor to ground.
C2 = 100 nF (Size 0805)
R6, C3, P1-3
Common-Mode Offset Adjustment. Used to trim common-mode output level. By
applying a voltage to Pin 3 of header P1, the output common-mode voltage can be
directly adjusted. Typically decoupled to ground using a 0.1 μF capacitor.
R6 = 0 Ω (Size 0603)
C3 = 0.1 μF (Size 0805)
T3, T4, C9, C10
Calibration Networks. Calibration path provided to allow for compensation of the
insertion loss of the baluns and the reactance of the coupling capacitors.
T3 = T4 = Macom ETC1-1-13
C9 = C10 = 100 nF (Size 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com