Electronic Components Datasheet Search
  English  ▼

X  

AD8622 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8622
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8622 Datasheet HTML 3Page - Analog Devices AD8622 Datasheet HTML 4Page - Analog Devices AD8622 Datasheet HTML 5Page - Analog Devices AD8622 Datasheet HTML 6Page - Analog Devices AD8622 Datasheet HTML 7Page - Analog Devices AD8622 Datasheet HTML 8Page - Analog Devices AD8622 Datasheet HTML 9Page - Analog Devices AD8622 Datasheet HTML 10Page - Analog Devices AD8622 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8622/AD8624
Rev. D | Page 7 of 20
TEMPERATURE (°C)
–60
–50
–40
–30
–20
–10
0
–50
–25
0
25
50
75
100
125
IB+
IB–
VSY = ±2.5V
Figure 11. Input Bias Current vs. Temperature
–150
–125
–100
–75
–50
–25
0
25
50
–2.5
–1.5
–0.5
0.5
1.5
2.5
VSY = ±2.5V
VCM (V)
Figure 12. Input Bias Current vs. Common-Mode Voltage
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY = ±2.5V
VCC – VOH
VOL – VEE
Figure 13. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
–50
–40
–30
–20
–10
0
10
–50
–25
0
25
50
75
100
125
IB+
IB–
VSY = ±15V
Figure 14. Input Bias Current vs. Temperature
–60
–40
–20
0
20
40
60
–15
–10
–5
0
5
10
15
VSY = ±15V
VCM (V)
Figure 15. Input Bias Current vs. Common-Mode Voltage
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY = ±15V
VCC – VOH
VOL – VEE
100
10
1
0.1
0.01
0.001
Figure 16. Output Voltage to Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com