Electronic Components Datasheet Search
  English  ▼

X  

AD8622 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8622
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8622 Datasheet HTML 12Page - Analog Devices AD8622 Datasheet HTML 13Page - Analog Devices AD8622 Datasheet HTML 14Page - Analog Devices AD8622 Datasheet HTML 15Page - Analog Devices AD8622 Datasheet HTML 16Page - Analog Devices AD8622 Datasheet HTML 17Page - Analog Devices AD8622 Datasheet HTML 18Page - Analog Devices AD8622 Datasheet HTML 19Page - Analog Devices AD8622 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8622/AD8624
Data Sheet
Rev. D | Page 16 of 20
HALL SENSOR SIGNAL CONDITIONING
The AD8622/AD8624 is also highly suitable for high accuracy,
low power signal conditioning circuits. One such use is in Hall
sensor signal conditioning (see Figure 57). The magnetic
sensitivity of a Hall element is proportional to the bias voltage
applied across it. With 1 V bias voltage, the Hall element
consumes about 2.5 mA of supply current and has a sensitivity
of 5.5 mV/mT typical. To reduce power consumption, bias
voltage must be reduced, but at the risk of lower sensitivity. The
only way to achieve higher sensitivity is by introducing a gain
using a precision micropower amplifier. The AD8622/AD8624,
with all its features, is well suited to amplify the sensitivity of the
Hall element.
The ADR121 is a precision micropower 2.5 V voltage reference.
A precision voltage reference is required to hold a constant current
so that the Hall voltage only depends on the intensity of the
magnetic field. Using the 4.12k:98.8k resistive divider, the bias
voltage of the Hall element is reduced to 100 mV, leading to only
250 µA of power consumption. The 3-op-amp in-amp
configuration of the AD8622/AD8624 then increases the
sensitivity to 55 mV/mT. The key to high CMRR for this in-amp
configuration are resistors that are well matched (where R1/R2
= R3/R4) from both the resistive ratio and relative drift. The
resistors are important in determining the performance over
manufacturing tolerances, time and temperature. At least 1% or
better resistors are recommended. Using the AD8622/AD8624 to
amplify the sensor signal can reduce power while also achieving
higher sensitivity. The total current consumed is just 1.2 mA,
resulting in 21× improvement in sensitivity/power.
VSY
VSY
VSY
R6
9.9kΩ
R3
9.9kΩ
R5
9.9kΩ
R1
9.9kΩ
R2
9.9kΩ
R7
200Ω
R8
4.12kΩ
R9
98.8kΩ
R4
9.9kΩ
ADR121 – 2.5V
400Ω
×4
HALL
ELEMENT
VOUT = 2.5V +
× MAGNETIC FIELD (mT)
55mV
mT
+
–
+
–
VSY
–
+
VSY
AD862x
AD862x
AD862x
AD862x
–
+
+
C3
0.1µF
TO 10µF
C2
0.1µF
C1
1µF TO 10µF
NOTES
1. USE MATCHED RESISTORS FOR IN-AMP.
2. FOR INFORMATION ON C1, C2, AND C3, REFER TO ADR121 DATA SHEET.
Figure 57. Hall Sensor Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com