Electronic Components Datasheet Search
  English  ▼

X  

OP97 Datasheet(PDF) 6 Page - Analog Devices

Part # OP97
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP97 Datasheet HTML 2Page - Analog Devices OP97 Datasheet HTML 3Page - Analog Devices OP97 Datasheet HTML 4Page - Analog Devices OP97 Datasheet HTML 5Page - Analog Devices OP97 Datasheet HTML 6Page - Analog Devices OP97 Datasheet HTML 7Page - Analog Devices OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices OP97 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8622/AD8624
Data Sheet
Rev. D | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
60
50
40
30
20
10
0
–100
–80
–60
–40
–20
0
20
40
60
80
100
VOS (µV)
VSY = ±2.5V
VCM = 0V
Figure 5. Input Offset Voltage Distribution
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
TCVOS (µV/°C)
VSY = ±2.5V
–40°C ≤ TA ≤ +125°C
Figure 6. Input Offset Voltage Drift Distribution
50
40
30
20
10
0
–10
–20
–30
–40
–50
–2.5
–1.5
–0.5
0.5
1.5
2.5
VCM (V)
+85°C
+25°C
–40°C
+125°C
VSY = ±2.5V
Figure 7. Input Offset Voltage vs. Common-Mode Voltage
60
50
40
30
20
10
0
–100 –80
–60
–40
–20
0
20
40
60
80
100
VOS (µV)
VSY = ±15V
VCM = 0V
Figure 8. Input Offset Voltage Distribution
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
TCVOS (µV/°C)
VSY = ±15V
–40°C ≤ TA ≤ +125°C
Figure 9. Input Offset Voltage Drift Distribution
50
40
30
20
10
0
–10
–20
–30
–40
–50
–15
–10
–5
0
5
10
+15
VCM (V)
VSY = ±15V
+85°C
+25°C
–40°C
+125°C
Figure 10. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com