Electronic Components Datasheet Search
  English  ▼

X  

OP97 Datasheet(PDF) 10 Page - Analog Devices

Part # OP97
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP97 Datasheet HTML 6Page - Analog Devices OP97 Datasheet HTML 7Page - Analog Devices OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices OP97 Datasheet HTML 10Page - Analog Devices OP97 Datasheet HTML 11Page - Analog Devices OP97 Datasheet HTML 12Page - Analog Devices OP97 Datasheet HTML 13Page - Analog Devices OP97 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8622/AD8624
Data Sheet
Rev. D | Page 10 of 20
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = ±2.5V
PSRR+
PSRR–
Figure 29. PSRR vs. Frequency
50
45
40
35
25
15
5
30
20
10
0
0.01
0.1
1
10
100
CAPACITANCE (nF)
VSY = ±2.5V
AV = 1
RL = 10kΩ
OS+
OS–
Figure 30. Small-Signal Overshoot vs. Load Capacitance
TIME (40µs/DIV)
VSY = ±2.5V
AV = 1
RL = 10kΩ
CL = 100pF
Figure 31. Large-Signal Transient Response
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = ±15V
PSRR+
PSRR–
Figure 32. PSRR vs. Frequency
50
45
40
35
25
15
5
30
20
10
0
0.01
0.1
1
10
100
CAPACITANCE (nF)
VSY = ±15V
AV = 1
RL = 10kΩ
OS+
OS–
Figure 33. Small-Signal Overshoot vs. Load Capacitance
TIME (40µs/DIV)
VSY = ±15V
AV = 1
RL = 10kΩ
CL = 100pF
Figure 34. Large-Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com