Electronic Components Datasheet Search
  English  ▼

X  

LT1880 Datasheet(PDF) 6 Page - Analog Devices

Part # LT1880
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1880 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT1880 Datasheet HTML 2Page - Analog Devices LT1880 Datasheet HTML 3Page - Analog Devices LT1880 Datasheet HTML 4Page - Analog Devices LT1880 Datasheet HTML 5Page - Analog Devices LT1880 Datasheet HTML 6Page - Analog Devices LT1880 Datasheet HTML 7Page - Analog Devices LT1880 Datasheet HTML 8Page - Analog Devices LT1880 Datasheet HTML 9Page - Analog Devices LT1880 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LT1797
6
1797fc
For more information www.linear.com/LT1797
Typical perForMance characTerisTics
Slew Rate vs Temperature
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
PSRR vs Frequency
CMRR vs Frequency
Gain Bandwidth Product and
Phase Margin vs RF and RG
Output Impedance vs Frequency
Input Noise Current Density
vs Frequency
Gain and Phase Shift
vs Frequency
Gain Bandwidth Product
vs Temperature
FREQUENCY (Hz)
10
1k
10k
100k
1797 G10
100
VS = ±2.5V
1.2
1.0
0.8
0.6
0.4
0.2
0
FREQUENCY (Hz)
0
60
70
–10
–20
50
20
40
30
10
10k
1M
10M
100M
1797 G11
–30
–40
80
100
–60
–80
60
0
40
20
–20
–100
100k
VS = ±2.5V
PHASE
GAIN
TEMPERATURE (°C)
–50
11.5
25
1797 G12
10.0
9.0
–25
0
50
8.5
8.0
12.0
11.0
10.5
9.5
75
100 125
VS = ±5V
VS = ±2.5V
f = 100kHz
TEMPERATURE (°C)
–50 –25
1.0
2.0
3.5
0
50
75
1797 G13
1.5
3.0
2.5
25
100 125
RISING
FALLING
VS = ±2.5V
TOTAL SUPPLY VOLTAGE (V)
0
8
10
12
9
11
13
2
4
6
8
1797 G14
10
1
3
5
7
9
11 12
35
30
45
55
40
50
60
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
f = 100kHz
RF = RG = 1k
RF = RG = (Ω)
1k
10
12
14
10k
100k
1797 G15
11
13
20
40
60
10
30
50
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
VS = ±5V
FREQUENCY (Hz)
20
80
90
10
0
70
40
60
50
30
1k
100k
1M
10M
1797 G16
–10
10k
VS = ±2.5V
NEGATIVE SUPPLY
POSITIVE SUPPLY
FREQUENCY (Hz)
40
100
110
30
20
90
60
80
70
50
1k
100k
1M
10M
1797 G17
10
10k
VS = ±2.5V
FREQUENCY (Hz)
100
1k
0.01
1
100
10k
100k
1M
10M
1797 G18
0.1
10
GAIN = 100
GAIN = 10
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com