Electronic Components Datasheet Search
  English  ▼

X  

LT1880 Datasheet(PDF) 9 Page - Analog Devices

Part # LT1880
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1880 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT1880 Datasheet HTML 5Page - Analog Devices LT1880 Datasheet HTML 6Page - Analog Devices LT1880 Datasheet HTML 7Page - Analog Devices LT1880 Datasheet HTML 8Page - Analog Devices LT1880 Datasheet HTML 9Page - Analog Devices LT1880 Datasheet HTML 10Page - Analog Devices LT1880 Datasheet HTML 11Page - Analog Devices LT1880 Datasheet HTML 12Page - Analog Devices LT1880 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LT1797
9
1797fc
For more information www.linear.com/LT1797
applicaTions inForMaTion
Distortion
There are two main contributors to distortion in op amps:
output crossover distortion as the output transitions from
sourcing to sinking current and distortion caused by non-
linear common mode rejection. If the op amp is operating
in the inverting mode, there is no common mode induced
distortion.IftheopampisoperatinginthePNPinputstage
(input is not within 1.3V of V+), the CMRR is very good,
typically 96dB. When the LT1797 switches between input
stagesthereissignificantnonlinearityintheCMRR.Lower
load resistance increases the output crossover distortion,
but has no effect on the input stage transition distortion.
ForlowestdistortiontheLT1797shouldbeoperatedsingle
supply, with the output always sourcing current and with
the input voltage swing between ground and (V+ – 1.3V).
See the Typical Performance Characteristic curves.
1797 F01
Q18
Q1
Q3 Q4
QB1
Q7
Q11
Q13
Q9
Q6
Q2
Q12
Q8
Q14
Q10
Q5
Q17
Q15
Q19
Q20
Q16
R1
R3
R4
R7
R8
R5
R6
R2
D1
D2
–IN
+IN
BIAS
I1
OUT
+1
+1
CM
C1
C2
I3
I2
I4
I5
I6
I7
1/2 SUPPLY
Figure 1. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com