Electronic Components Datasheet Search
  English  ▼

X  

LT1206 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1206
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1206 Datasheet(HTML) 2 Page - Analog Devices

  LT1206 Datasheet HTML 1Page - Analog Devices LT1206 Datasheet HTML 2Page - Analog Devices LT1206 Datasheet HTML 3Page - Analog Devices LT1206 Datasheet HTML 4Page - Analog Devices LT1206 Datasheet HTML 5Page - Analog Devices LT1206 Datasheet HTML 6Page - Analog Devices LT1206 Datasheet HTML 7Page - Analog Devices LT1206 Datasheet HTML 8Page - Analog Devices LT1206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1187
2
1187fb
For more information www.linear.com/LT1187
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS (Note 1)
Total Supply Voltage (V+ to V–).................................18V
Differential Input Voltage ..........................................±6V
Input Voltage.............................................................±VS
Output Short-Circuit Duration (Note 2) .........Continuous
Operating Temperature Range
LT1187C................................................... 0°C to 70°C
LT1187I ................................................–40°C to 85°C
LT1187M (OBSOLETE)....................... –55°C to 150°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1187CN8#PBF
LT1187CN8#TRPBF
1187
8-Lead PDIP
0°C to 70°C
LT1187CS8#PBF
LT1187CS8#TRPBF
1187
8-Lead Plastic SO
0°C to 70°C
LT1187IN8#PBF
LT1187IN8#TRPBF
1187
8-Lead PDIP
–40°C to 85°C
OBSOLETE PACKAGE
LT1187MJ8#PBF
LT1187MJ8#TRPBF
1187
8-Lead CERDIP
–55°C to 150°C
LT1187CJ8#PBF
LT1187CJ8#TRPBF
1187
8-Lead CERDIP
175°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1187CN8
LT1187CN8#TR
1187
8-Lead PDIP
0°C to 70°C
LT1187CS8
LT1187CS8#TR
1187
8-Lead Plastic SO
0°C to 70°C
LT1187IN8
LT1187IN8#TR
1187
8-Lead PDIP
–40°C to 85°C
OBSOLETE PACKAGE
LT1187MJ8
LT1187MJ8#TR
1187
8-Lead CERDIP
–55°C to 150°C
LT1187CJ8
LT1187CJ8#TR
1187
8-Lead CERDIP
175°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LT1187#orderinfo
1
2
3
4
8
7
6
5
TOP VIEW
+/REF
–IN
+IN
V–
–/FB
V+
OUT
S/D
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 100°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
+/REF
–IN
+IN
V–
–/FB
V+
OUT
S/D
J8 PACKAGE
8-LEAD CERDIP
TJMAX = 175°C, θJA = 100°C/W
OBSOLETE PACKAGE
Junction Temperature (Note 3)
Plastic Packages (CN8, CS8) ............................ 150°C
Ceramic Packages (CJ8, MJ8) (OBSOLETE)..... 175°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com