Electronic Components Datasheet Search
  English  ▼

X  

LT1206 Datasheet(PDF) 3 Page - Analog Devices

Part # LT1206
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1206 Datasheet(HTML) 3 Page - Analog Devices

  LT1206 Datasheet HTML 1Page - Analog Devices LT1206 Datasheet HTML 2Page - Analog Devices LT1206 Datasheet HTML 3Page - Analog Devices LT1206 Datasheet HTML 4Page - Analog Devices LT1206 Datasheet HTML 5Page - Analog Devices LT1206 Datasheet HTML 6Page - Analog Devices LT1206 Datasheet HTML 7Page - Analog Devices LT1206 Datasheet HTML 8Page - Analog Devices LT1206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT1187
3
1187fb
For more information www.linear.com/LT1187
±5V ELECTRICAL CHARACTERISTICS T
A = 25°C (Note 4)
VS = ±5V, VREF = 0V, RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8 to ground, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, Pin 5 open.
SYMBOL
PARAMETERS
CONDITIONS
MIN
LT1187C/I/M
MAX
MAX
UNITS
VOS
Input Offset Voltage
Either Input (Note 5)
S8 Package
2.0
2.0
10
11
mV
IOS
Input Offset Current
Either Input
0.2
1.0
µA
IB
Input Bias Current
Either Input
±0.5
±2.0
µA
en
Input Noise Voltage
fO = 10kHz
65
nV/√Hz
in
Input Noise Current
fO = 10kHz
1.5
pA/√Hz
RIN
Input Resistance
Differential
100
kΩ
CIN
Input Capacitance
Either Input
2.0
pF
VINLIM
Input Voltage Limit
(Note 6)
±380
mV
Input Voltage Range
–2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = –2.5V to 3.5V
70
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
70
85
dB
VOUT
Output Voltage Swing
VS = ±5V, RL = 1k, AV = 50
VS = ±8V, RL = 1k, AV = 50
VS = ±8V, RL = 300Ω, AV = 50, (Note 4)
±3.8
±6.7
±6.4
±4.0
±7.0
±6.8
V
V
V
GE
Gain Error
VO = ±1V, AV = 10, RL = 1k
0.2
1.0
%
SR
Slew Rate
(Notes 7, 11)
100
165
V/µs
FPBW
Full Power Bandwidth
VO = 1VP-P (Note 8)
53
MHz
BW
Small-Signal Bandwidth
AV = 10
5.7
MHz
tr, tf
Rise Time, Fall Time
AV = 50, VO = ±1.5V, 20% to 80% (Note 11)
150
230
325
ns
tPD
Propagation Delay
RL= 1k, VO = ±125mV, 50% to 50%
26
ns
Overshoot
VO = ±50mV
0
%
ts
Settling Time
3V Step, 0.1% (Note 9)
100
ns
Diff AV
Differential Gain
RL = 1k, AV = 4 (Note 10)
0.6
%
Diff Ph
Differential Phase
RL = 1k, AV = 4 (Note 10)
0.8
DEGP-P
IS
Supply Current
13
16
mA
Shutdown Supply Current
Pin 5 at V–
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V–
5
25
µA
tON
Turn-On Time
Pin 5 from V– to Ground, RL = 1k
500
ns
tOFF
Turn-On Time
Pin 5 from Ground to V–, RL = 1k
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com