Electronic Components Datasheet Search
  English  ▼

X  

DS1821 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat and Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1821 Datasheet HTML 10Page - Dallas Semiconductor DS1821 Datasheet HTML 11Page - Dallas Semiconductor DS1821 Datasheet HTML 12Page - Dallas Semiconductor DS1821 Datasheet HTML 13Page - Dallas Semiconductor DS1821 Datasheet HTML 14Page - Dallas Semiconductor DS1821 Datasheet HTML 15Page - Dallas Semiconductor DS1821 Datasheet HTML 16Page - Dallas Semiconductor DS1821 Datasheet HTML 17Page - Dallas Semiconductor DS1821 Datasheet HTML 18Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
DS1821
14 of 18
DS1821 OPERATION EXAMPLE
In this example, the master device programs the DS1821 with TL = +10°C and TH = +40°C and verifies
that the data has been saved correctly. The master then programs the status/configuration register so that
the device will power-up in thermostat mode (T/R
¯ = 1) and the thermostat output will have active high
polarity (POL = 1).
MASTER
MODE
DATA (LSB
FIRST)
COMMENTS
TX
Reset
Master issues reset pulse.
RX
Presence
DS1821 responds with presence pulse.
TX
01h
Master issues Write TH command.
TX
28h
Master sends data for TH = +40°C.
TX
Reset
Master issues reset pulse.
RX
Presence
DS1821 responds with presence pulse.
TX
02h
Master issues Write TL command.
TX
0Ah
Master sends data for TL = +10°C.
TX
Reset
Master issues reset pulse.
RX
Presence
DS1821 responds with presence pulse.
TX
A1h
Master issues Read TH command.
RX
28h
Master reads stored TH value to verify data.
TX
Reset
Master issues reset pulse.
RX
Presence
DS1821 responds with presence pulse.
TX
A2h
Master issues Read TL command.
RX
0Ah
Master reads stored TL value to verify data.
TX
Reset
Master issues reset pulse.
RX
Presence
DS1821 responds with presence pulse.
TX
0Ch
Master issues Write Status command.
TX
06h
Master sends status/configuration data to the DS1821 with T/R
¯ =
1 (thermostat mode at power-up) and POL = 1 (active high
thermostat output).
⎯
⎯
Power is cycled; DS1821 powers-up in thermostat mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com