Electronic Components Datasheet Search
  English  ▼

X  

DS1821 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat and Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS1821 Datasheet HTML 10Page - Dallas Semiconductor DS1821 Datasheet HTML 11Page - Dallas Semiconductor DS1821 Datasheet HTML 12Page - Dallas Semiconductor DS1821 Datasheet HTML 13Page - Dallas Semiconductor DS1821 Datasheet HTML 14Page - Dallas Semiconductor DS1821 Datasheet HTML 15Page - Dallas Semiconductor DS1821 Datasheet HTML 16Page - Dallas Semiconductor DS1821 Datasheet HTML 17Page - Dallas Semiconductor DS1821 Datasheet HTML 18Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DS1821
15 of 18
ABSOLUTE MAXIMUM RATINGS*
Voltage on any pin relative to ground
–0.5V to +7.0V
Operating temperature
–55
°C to +125°C
Storage temperature
–55
°C to +125°C
Soldering temperature
See-JTD-020A Specification
*These are stress ratings only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
+2.7
+5.5
1
tERR
0°C to +85°C
VDD = 3.6V to 5.5V
±1
°C
2,3,4
Thermometer
Error
-55°C to +125°C
VDD = 3.6V to 5.5V
See Typical Curve (Figure 11)
DQ Logic Low
VIL
-0.3
+0.8
V
1,5
DQ Logic High
VIH
+2
The lower of
+5.5
or
VDD + 0.3
V
1,6
Sink Current
IL
VDQ = 0.4V
VDD = 3.6V to 5.5V
4
mA
1
Standby Current
IQ
-55°C to +85°C
1
3
μA
7
Active Current
IDD
VDD= 5V
500
1000
μA
8
DQ Input
Current
IDQ
5
µA
9
NOTES:
1.
All voltages are referenced to ground.
2.
Thermometer error reflects the sensor accuracy as tested during calibration.
3.
See typical performance curve in Figure 11 for specification limits outside the 0
°C to +85°C range.
4.
For T<0
°C, accuracy degrades by 0.5°C/V for VDD <4.3V.
5.
Logic low voltages are specified at a sink current of 4 mA.
6.
Logic high voltages are specified at a source current of 1 mA.
7.
Standby current is typically 5
μA at 125°C.
8.
Active current refers to supply current during active temperature conversions or EEPROM writes.
9.
DQ line is high (“hi-Z” state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com