Electronic Components Datasheet Search
  English  ▼

X  

DS28EC20 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28EC20 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS28EC20 Datasheet HTML 1Page - Dallas Semiconductor DS28EC20 Datasheet HTML 2Page - Dallas Semiconductor DS28EC20 Datasheet HTML 3Page - Dallas Semiconductor DS28EC20 Datasheet HTML 4Page - Dallas Semiconductor DS28EC20 Datasheet HTML 5Page - Dallas Semiconductor DS28EC20 Datasheet HTML 6Page - Dallas Semiconductor DS28EC20 Datasheet HTML 7Page - Dallas Semiconductor DS28EC20 Datasheet HTML 8Page - Dallas Semiconductor DS28EC20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DS28EC20: 20Kb 1-Wire EEPROM
5 of 24
OVERVIEW
The block diagram in Figure 1 shows the relationships between the major control and memory sections of the
DS28EC20. The DS28EC20 has four main data components: 1) 64-bit registration number, 2) 32-byte scratchpad,
3) eighty 32-byte pages of EEPROM, and 4) special function registers. The hierarchical structure of the 1-Wire
protocol is shown in Figure 2. The bus master must first provide one of the seven ROM (network) function
commands: 1) Read ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM, 5) Resume, 6) Overdrive Skip ROM, or
7) Overdrive Match ROM. Upon completion of an Overdrive ROM command byte executed at standard speed, the
device enters Overdrive mode where all subsequent communication occurs at a higher speed. The protocol
required for these ROM function commands is described in Figure 9. After a ROM function command is
successfully executed, the memory functions become accessible and the master may provide any one of the five
memory function commands. The protocol for these commands is described in Figure 7. All data is read and written
least significant bit first.
Figure 2. Hierarchical Structure for 1-Wire Protocol
DS28EC20 Command Level:
1-Wire ROM Function
Commands (see Figure 9)
DS28EC20-Specific
Memory Function
Commands (see Figure 7)
Available
Commands:
Data Field
Affected:
Read ROM
Match ROM
Search ROM
Skip ROM
Resume
Overdrive Skip
Overdrive Match
64-bit Reg. #, RC-Flag
64-bit Reg. #, RC-Flag
64-bit Reg. #, RC-Flag
RC-Flag
RC-Flag
RC-Flag, OD-Flag
64-bit Reg. #, RC-Flag, OD-Flag
Write Scratchpad
Read Scratchpad
Copy Scratchpad
Read Memory
Extended Read Mem.
32-byte Scratchpad, Flags
32-byte Scratchpad
Data Memory, Register Page
Data Memory, Register Page
Data Memory, Register Page
64-BIT LASERED ROM
Each DS28EC20 contains a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family code. The
next 48 bits are a unique serial number. The last 8 bits are a cyclic redundancy check (CRC) of the first 56 bits.
See Figure 3 for details. The 1-Wire CRC is generated using a polynomial generator consisting of a shift register
and XOR gates as shown in Figure 4. The polynomial is X
8 + X5 + X4 + 1. Additional information about the 1-Wire
CRC is available in Application Note 27: Understanding and Using Cyclic Redundancy Checks with Dallas
Semiconductor iButton
® Products (www.maxim-ic.com/AN27).
The shift register bits are initialized to 0. Then, starting with the least significant bit of the family code, one bit at a
time is shifted in. After the 8th bit of the family code has been entered, the serial number is entered. After the last
bit of the serial number has been entered, the shift register contains the CRC value. Shifting in the 8 bits of the
CRC returns the shift register to all 0s.
Figure 3. 64-Bit Lasered ROM
MSB
LSB
8-Bit
CRC Code
48-Bit Serial Number
8-Bit Family
Code (43h)
MSB
LSB
MSB
LSB
MSB
LSB
iButton is a registered trademark of Dallas Semiconductor Corp., a wholly owned subsidiary of Maxim Integrated products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com