Electronic Components Datasheet Search
  English  ▼

X  

DS28EC20 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28EC20 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS28EC20 Datasheet HTML 11Page - Dallas Semiconductor DS28EC20 Datasheet HTML 12Page - Dallas Semiconductor DS28EC20 Datasheet HTML 13Page - Dallas Semiconductor DS28EC20 Datasheet HTML 14Page - Dallas Semiconductor DS28EC20 Datasheet HTML 15Page - Dallas Semiconductor DS28EC20 Datasheet HTML 16Page - Dallas Semiconductor DS28EC20 Datasheet HTML 17Page - Dallas Semiconductor DS28EC20 Datasheet HTML 18Page - Dallas Semiconductor DS28EC20 Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DS28EC20: 20Kb 1-Wire EEPROM
15 of 24
A multidrop bus consists of a 1-Wire bus with multiple slaves attached. The DS28EC20 supports both a standard
and overdrive communication speed of 15.4kbps (max) and 125kbps (max), respectively. Note that legacy 1-Wire
products support a standard communication speed of 16.3kbps and overdrive of 142kbps. The slightly reduced
rates for the DS28EC20 are a result of additional recovery times, which in turn were driven by a 1-Wire physical
interface enhancement to improve noise immunity. The value of the pullup resistor primarily depends on the
network size and load conditions. The DS28EC20 requires a pullup resistor of 2.2k
Ω (max) at any speed.
The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus MUST be
left in the idle state if the transaction is to resume. If this does not occur and the bus is left low for more than 16µs
(overdrive speed) or more than 120µs (standard speed), one or more devices on the bus can be reset.
Figure 8. Hardware Configuration
Open-Drain
Port Pin
RX = RECEIVE
TX = TRANSMIT
100
Ω
MOSFET
VPUP
RX
TX
TX
RX
DATA
RPUP
IL
BUS MASTER
DS28EC20 1-Wire PORT
TRANSACTION SEQUENCE
The protocol for accessing the DS28EC20 through the 1-Wire port is as follows:
Initialization
ROM Function Command
Memory Function Command
Transaction/Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a
reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the slave(s). The presence
pulse lets the bus master know that the DS28EC20 is on the bus and is ready to operate. For more details, see the
1-Wire Signaling section.
1-Wire ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the seven ROM function commands that the
DS28EC20 supports. All ROM function commands are 8 bits long. See Figure 9 for list of these commands.
READ ROM [33h]
This command allows the bus master to read the DS28EC20’s 8-bit family code, unique 48-bit serial number, and
8-bit CRC. This command can only be used if there is a single slave on the bus. If more than one slave is present
on the bus, a data collision occurs when all slaves try to transmit at the same time (open drain produces a wired-
AND result). The resultant family code and 48-bit serial number result in a mismatch of the CRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com