Electronic Components Datasheet Search
  English  ▼

X  

TDA8784H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8784H
Description  18 Msps, 10-bit analog-to-digital interface for CCD cameras
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8784H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8784H Datasheet HTML 9Page - NXP Semiconductors TDA8784H Datasheet HTML 10Page - NXP Semiconductors TDA8784H Datasheet HTML 11Page - NXP Semiconductors TDA8784H Datasheet HTML 12Page - NXP Semiconductors TDA8784H Datasheet HTML 13Page - NXP Semiconductors TDA8784H Datasheet HTML 14Page - NXP Semiconductors TDA8784H Datasheet HTML 15Page - NXP Semiconductors TDA8784H Datasheet HTML 16Page - NXP Semiconductors TDA8784H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1999 Sep 21
13
Philips Semiconductors
Product specification
18 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8784
Table 1
Serial interface programming
Note
1. When CLPADC is HIGH (D4 = 1: serial interface), the ADC input is clamped to voltage level Vref.
Vref is connected to ground via a capacitance.
Table 2
Standby selection
ADDRESS BITS
DATA BITS D9 to D0
A2
A1
A0
0
0
0
OFD output control (D7 to D0).
0
0
1
Cut-off frequency of CDS and AGC. Only the 4 LSBs (D3 to D0) are used for
CDS. D4 to D7 are used for AGC. D8 and D9 should be set to logic 0.
0
1
0
AGC gain control (D8 to D0).
0
1
1
Partial standby controls for power consumption optimization. Only the 4 LSBs
(D3 to D0) are used. Edge control for pulses SHP, SHD, CLAMP and
clock ADC:
D0 = 1: CDS + AGC in standby; ICCA +ICCD =48mA
D1 = 1: OFD DAC in standby; ICCA +ICCD =98mA
D2 = 1: 6 dB amplifier (output on AMPOUT pin) in standby;
ICCA +ICCD = 98.5 mA
D3 = 1: SHP and SHD activated with falling edge (for positive pulse)
D4 = 1: CLPDM, CLPOB and CLPADC activated on HIGH level; note 1
D5 = 0: CLKADC activated with falling edge
D6 must be set to logic 0.
1
0
0
Clamp reference DAC (D9 to D0).
STDBY
DATA BITS D9 to D0
ICCA +ICCD (TYP.)
1LOW
4 mA
0
active
99 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com