Electronic Components Datasheet Search
  English  ▼

X  

TDA8784H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8784H
Description  18 Msps, 10-bit analog-to-digital interface for CCD cameras
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8784H Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8784H Datasheet HTML 1Page - NXP Semiconductors TDA8784H Datasheet HTML 2Page - NXP Semiconductors TDA8784H Datasheet HTML 3Page - NXP Semiconductors TDA8784H Datasheet HTML 4Page - NXP Semiconductors TDA8784H Datasheet HTML 5Page - NXP Semiconductors TDA8784H Datasheet HTML 6Page - NXP Semiconductors TDA8784H Datasheet HTML 7Page - NXP Semiconductors TDA8784H Datasheet HTML 8Page - NXP Semiconductors TDA8784H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1999 Sep 21
3
Philips Semiconductors
Product specification
18 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8784
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5
5.25
V
VCCD
digital supply voltage
4.75
5
5.25
V
VCCO
digital outputs supply voltage
2.5
3
5.25
V
ICCA
analog supply current
−
78
85
mA
ICCD
digital supply current
−
18
20
mA
ICCO
digital outputs supply current
fCLK = 18 MHz;
CL = 20 pF; ramp input
−
1
−
mA
ADCres
ADC resolution
−
10
−
bits
Vi(CDS)(p-p)
CDS input voltage (peak-to-peak value)
−
400
1200
mV
GCDS
CDS output amplifier gain
−
6
−
dB
fCLK(max)
maximum clock frequency
fcut(CDS) = 120 MHz;
fcut(AGC) = 54 MHz
18
−−
MHz
AGCdyn
AGC dynamic range
−
30
−
dB
Ntot(rms)
total output noise from CDS input to
ADC output (RMS value)
gain = 4.5 dB;
fcut(CDS) = 120 MHz;
fcut(AGC) = 40 MHz
−
0.125
−
LSB
Ein(rms)
equivalent input noise (RMS value)
gain = 34.5 dB
−
125
−µV
Ptot
total power consumption
−
483
550
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com