Electronic Components Datasheet Search
  English  ▼

X  

GI7918 Datasheet(PDF) 4 Page - GTM CORPORATION

Part # GI7918
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI7918 Datasheet(HTML) 4 Page - GTM CORPORATION

  GI7918 Datasheet HTML 1Page - GTM CORPORATION GI7918 Datasheet HTML 2Page - GTM CORPORATION GI7918 Datasheet HTML 3Page - GTM CORPORATION GI7918 Datasheet HTML 4Page - GTM CORPORATION GI7918 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
G
I79XX
Page: 4/5
ISSUED DATE :2006/01/10
REVISED DATE :
G
I7912 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-19V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-11.64
-12.0
-12.36
VO
B-Rank (5%)
-11.40
-
-12.60
V
Vin=-19V, Io=500mA, Tj=25 :
-14.5V Vin -27V, 5mA Io 1A, PD 15W
-
12
240
-14.5V Vin -30V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
6
120
mV
-16V Vin -22V, Io=500mA, Tj=25 :
-
12
240
Vin=-19V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
4
120
mV
Vin=-19V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-19V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-19V, 5mA Io 1A
I
Q
-
-
1.0
mA
-14.5V Vin -30V, Io=500mA
Vn
-
200
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
dB
-15V Vin -25V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-0.8
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
G
I7915 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-23V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-14.55
-15.0
-15.45
VO
B-Rank (5%)
-14.25
-
-15.75
V
Vin=-23V, Io=500mA, Tj=25 :
-17.5V Vin -30V, 5mA Io 1A, PD 15W
-
12
300
-17.5V Vin -30V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
6
150
mV
-20V Vin -26V, Io=500mA, Tj=25 :
-
12
300
Vin=-23V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
4
150
mV
Vin=-23V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-23V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-23V, 5mA Io 1A
I
Q
-
-
1.0
mA
-17.5V Vin -30.5V, Io=500mA
Vn
-
250
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
dB
-18.5V Vin -28.5V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-0.9
-
mV/ :
I
o=5mA, 0 :
Tj 125 :



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com