Electronic Components Datasheet Search
  English  ▼

X  

GI7918 Datasheet(PDF) 5 Page - GTM CORPORATION

Part # GI7918
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI7918 Datasheet(HTML) 5 Page - GTM CORPORATION

  GI7918 Datasheet HTML 1Page - GTM CORPORATION GI7918 Datasheet HTML 2Page - GTM CORPORATION GI7918 Datasheet HTML 3Page - GTM CORPORATION GI7918 Datasheet HTML 4Page - GTM CORPORATION GI7918 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
G
I79XX
Page: 5/5
ISSUED DATE :2006/01/10
REVISED DATE :
G
I7918 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-27V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-17.46
-18.0
-18.54
VO
B-Rank (5%)
-17.10
-
-18.9
V
Vin=-27V, Io=500mA, , Tj=25 :
-21V Vin -33V, 5mA Io 1A, PD 15W
-
15
360
-21V Vin -33V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
8
180
mV
-24V Vin -30V, Io=500mA, Tj=25 :
-
15
360
Vin=-27V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
5
180
mV
Vin=-27V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-27V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-27V, 5mA Io 1A
I
Q
-
-
1.0
mA
-21V Vin -33V, Io=500mA
Vn
-
300
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
dB
-22V Vin -32V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 : Tj 125 :
G
I7924 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-33V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-23.28
-24.0
-24.72
VO
B-Rank (5%)
-22.80
-
-25.20
V
Vin=-33V, Io=500mA, Tj=25 :
-27V Vin -38V, 5mA Io 1A, PD 15W
-
15
480
-27V Vin -38V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
8
240
mV
-30V Vin -36V, Io=500mA, Tj=25 :
-
15
480
Vin=-33V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
5
240
mV
Vin=-33V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-33V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-33V, 5mA Io 1A
I
Q
-
-
1.0
mA
-27V Vin -38V, Io=500mA
Vn
-
400
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
dB
-28V Vin -38V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
Typical Application
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
G
I79XX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com