Electronic Components Datasheet Search
  English  ▼

X  

TDA8927ST Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8927ST
Description  Power stage 2 x 80 W class-D audio amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8927ST Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8927ST Datasheet HTML 2Page - NXP Semiconductors TDA8927ST Datasheet HTML 3Page - NXP Semiconductors TDA8927ST Datasheet HTML 4Page - NXP Semiconductors TDA8927ST Datasheet HTML 5Page - NXP Semiconductors TDA8927ST Datasheet HTML 6Page - NXP Semiconductors TDA8927ST Datasheet HTML 7Page - NXP Semiconductors TDA8927ST Datasheet HTML 8Page - NXP Semiconductors TDA8927ST Datasheet HTML 9Page - NXP Semiconductors TDA8927ST Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
2001 Dec 11
6
Philips Semiconductors
Objective specification
Power stage 2
× 80 W class-D
audio amplifier
TDA8927
7
PINNING INFORMATION
SYMBOL
PIN
DESCRIPTION
TDA8927J
TDA8927ST
TDA8927TH
SW1
1
1
21
digital switch input channel 1
n.c.
−−
1
not connected
REL1
2
2
22
digital control output channel 1
DIAG
3
3
23
digital open-drain output for overtemperature and
overcurrent report
EN1
4
4
24
digital enable input for channel 1
VDD1
5
5
2
positive power supply channel 1
BOOT1
6
6
3
bootstrap capacitor channel 1
STAB
−−
6
decoupling internal stabilizer for logic supply
OUT1
7
7
4
PWM output channel 1
STAB
−−
7
decoupling internal stabilizer for logic supply
VSS1
8
8
5
negative power supply channel 1
STAB
9
9
−
decoupling internal stabilizer for logic supply
VSS2
10
10
8
negative power supply channel 2
OUT2
11
11
9
PWM output channel 2
BOOT2
12
12
10
bootstrap capacitor channel 2
n.c.
−−
12
not connected
VDD2
13
13
11
positive power supply channel 2
EN2
14
14
13
digital enable input for channel 2
POWERUP
15
15
14
enable input for switching-on internal reference
sources
REL2
16
16
15
digital control output channel 2
SW2
17
17
16
digital switch input channel 2
LIM
−−
17
current input for setting maximum load current limit
n.c.
−−
18
not connected
VSS(sub)
−−
19
negative supply (substrate)
n.c.
−−
20
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com