Electronic Components Datasheet Search
  English  ▼

X  

TDA8942 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8942
Description  2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8942 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8942 Datasheet HTML 3Page - NXP Semiconductors TDA8942 Datasheet HTML 4Page - NXP Semiconductors TDA8942 Datasheet HTML 5Page - NXP Semiconductors TDA8942 Datasheet HTML 6Page - NXP Semiconductors TDA8942 Datasheet HTML 7Page - NXP Semiconductors TDA8942 Datasheet HTML 8Page - NXP Semiconductors TDA8942 Datasheet HTML 9Page - NXP Semiconductors TDA8942 Datasheet HTML 10Page - NXP Semiconductors TDA8942 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Philips Semiconductors
TDA8942P
2 x 1.5 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 March 2000
7 of 23
9397 750 06862
© Philips Electronics N.V. 2000. All rights reserved.
9.
Limiting values
10. Thermal characteristics
11. Static characteristics
[1]
With a load connected at the outputs the quiescent current will increase, the maximum of this increase being equal to the differential
output voltage offset
(∆V
OUT) divided by the load resistance (RL).
[2]
The DC output voltage with respect to ground is approximately 0.5VCC.
[3]
∆V
OUT = VOUT+ − VOUT
−
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
no signal
−0.3
+25
V
operating
−0.3
+18
V
VI
input voltage
−0.3
VCC + 0.3
V
IORM
repetitive peak output current
-
2
A
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Ptot
total power dissipation
-
2.2
W
VCC(sc)
supply voltage to guarantee short-circuit
protection
-12
V
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
57
K/W
Table 7:
Static characteristics
VCC =12V; Tamb =25 °C; RL =8 Ω; VMODE =0V; Vi = 0 V; measured in test circuit Figure 14; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating
6
9
18
V
Iq
quiescent supply current
RL = ∞
[1] -
2232mA
Istb
standby supply current
VMODE =VCC
--10
µA
VO
DC output voltage
[2] -
4.5
-
V
∆VOUT[3]
differential output voltage offset
-
-
200
mV
VMODE
mode selection input voltage
operating mode
0
-
0.5
V
mute mode
3
-
VCC − 1.5
V
standby mode
VCC − 0.5
-
VCC
V
IMODE
mode selection input current
0 < VMODE <VCC
--20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com