Electronic Components Datasheet Search
  English  ▼

X  

TDA8942 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA8942
Description  2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8942 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA8942 Datasheet HTML 15Page - NXP Semiconductors TDA8942 Datasheet HTML 16Page - NXP Semiconductors TDA8942 Datasheet HTML 17Page - NXP Semiconductors TDA8942 Datasheet HTML 18Page - NXP Semiconductors TDA8942 Datasheet HTML 19Page - NXP Semiconductors TDA8942 Datasheet HTML 20Page - NXP Semiconductors TDA8942 Datasheet HTML 21Page - NXP Semiconductors TDA8942 Datasheet HTML 22Page - NXP Semiconductors TDA8942 Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Philips Semiconductors
TDA8942P
2 x 1.5 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 March 2000
20 of 23
9397 750 06862
© Philips Electronics N.V. 2000. All rights reserved.
02
20000314
-
Modifications:
• Section 14.1 “Printed-circuit board (PCB)” on page 14: → added
• Figure 15: figure added
• Section 14.2 “Thermal behaviour and Tamb(max) calculation” on page 16: → added
• Section 15 “Test information” on page 16: Section 15.1 → updated
• Section 15.2 “Test conditions” on page 16: → added.
01
19990414
-
Preliminary specification; initial version.
Table 11: Revision history…continued
Rev Date
CPCN
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com