Electronic Components Datasheet Search
  English  ▼

X  

TDA8943SF Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8943SF
Description  6 W mono Bridge Tied Load BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8943SF Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8943SF Datasheet HTML 10Page - NXP Semiconductors TDA8943SF Datasheet HTML 11Page - NXP Semiconductors TDA8943SF Datasheet HTML 12Page - NXP Semiconductors TDA8943SF Datasheet HTML 13Page - NXP Semiconductors TDA8943SF Datasheet HTML 14Page - NXP Semiconductors TDA8943SF Datasheet HTML 15Page - NXP Semiconductors TDA8943SF Datasheet HTML 16Page - NXP Semiconductors TDA8943SF Datasheet HTML 17Page - NXP Semiconductors TDA8943SF Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Philips Semiconductors
TDA8943SF
6 W mono Bridge Tied Load (BTL) audio amplifier
Product specification
Rev. 02 — 7 April 2000
14 of 20
9397 750 06865
© Philips Electronics N.V. 2000. All rights reserved.
14.2 Thermal behaviour and heatsink calculation
The measured maximum thermal resistance of the IC package, Rth(j-mb) is 18 K/W.
A calculation for the heatsink can be made, with the following parameters:
Tamb(max) =50 °C
VCC = 12 V and RL =8 Ω
Tj(max) = 150 °C.
Rth(tot) is the total thermal resistance between the junction and the ambient
including the heatsink. In the heatsink calculations the value of Rth(mb-h) is ignored.
At VCC =12V and RL =8 Ω the measured worst-case sine-wave dissipation is 3.8 W;
see Figure 11. For Tj(max) = 150 °C the temperature raise – caused by the power
dissipation – is: 150 – 50 = 100
°C.
P
× R
th(tot) = 100 °C
Rth(tot) = 100/3.8 = 26.3 K/W
Rth(h-a) =Rth(tot) –Rth(j-mb) = 26.3 – 18 = 8.3 K/W.
The calculation above is for an application at worst-case sine-wave output signals. In
practice music signals will be applied, which decreases the maximum power
dissipation to approximately half of the sine-wave power dissipation (see
Section 8.2.2). This allows for the use of a smaller heatsink:
P
× R
th(tot) = 100 °C
Rth(tot) = 100/1.8 = 55.5 K/W
Rth(h-a) =Rth(tot) –Rth(j-mb) = 55.5 – 18 = 37.5 K/W.
To increase the lifetime of the IC, Tj(max) should be reduced to 125 °C. This requires a
heatsink of approximately 24 K/W for music signals.
15. Test information
15.1 Quality information
The
General Quality Specification for Integrated Circuits, SNW-FQ-611D is
applicable.
15.2 Test conditions
Tamb =25 °C; VCC = 12 V; f = 1 kHz; RL =8 Ω; audio pass band 22 Hz to 22 kHz;
unless otherwise specified.
Remark: In the graphs as function of frequency no bandpass filter was applied; see
Figure 7 and 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com