Electronic Components Datasheet Search
  English  ▼

X  

TDA8944J Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8944J
Description  2 x 7 W stereo Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8944J Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8944J Datasheet HTML 1Page - NXP Semiconductors TDA8944J Datasheet HTML 2Page - NXP Semiconductors TDA8944J Datasheet HTML 3Page - NXP Semiconductors TDA8944J Datasheet HTML 4Page - NXP Semiconductors TDA8944J Datasheet HTML 5Page - NXP Semiconductors TDA8944J Datasheet HTML 6Page - NXP Semiconductors TDA8944J Datasheet HTML 7Page - NXP Semiconductors TDA8944J Datasheet HTML 8Page - NXP Semiconductors TDA8944J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Philips Semiconductors
TDA8944J
2 x 7 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 February 2000
5 of 21
9397 750 06861
© Philips Electronics N.V. 2000. All rights reserved.
8.2 Power amplifier
The power amplifier is a Bridge Tied Load (BTL) amplifier with an all-NPN output
stage, capable of delivering a peak output current of 2 A.
The BTL principle offers the following advantages:
• Lower peak value of the supply current
• The ripple frequency on the supply voltage is twice the signal frequency
• No expensive DC-blocking capacitor
• Good low frequency performance.
8.2.1
Output power measurement
The output power as a function of the supply voltage is measured on the output pins
at THD = 10%; see Figure 8. The maximum output power is limited by the maximum
supply voltage of 12 V and the maximum available output current: 2 A repetitive peak
current.
8.2.2
Headroom
Typical CD music requires at least 12 dB (factor 15.85) dynamic headroom –
compared to the average power output – for transferring the loudest parts without
distortion. At VCC =12V, RL =8 Ω and Po = 4 W at THD = 0.1% (see Figure 6), the
Average Listening Level (ALL) – music power – without any distortion yields:
Po(ALL) = 4 W/15.85 = 252 mW.
The power dissipation can be derived from Figure 11 on page 10 for 0 dB
respectively 12 dB headroom.
For the average listening level a power dissipation of 4 W can be used for a heatsink
calculation.
8.3 Mode selection
The TDA8944J has three functional modes, which can be selected by applying the
proper DC voltage to pin MODE. See Figure 4 and 5 for the respective DC levels,
which depend on the supply voltage level. The MODE pin can be driven by a 3-state
logic output stage: e.g. a microcontroller with additional components for DC-level
shifting.
Standby — In this mode the current consumption is very low and the outputs are
floating. The device is in standby mode when (VCC − 0.5 V) < VMODE <VCC, or when
the MODE pin is left floating (high impedance). The power consumption of the
TDA8944J will be reduced to <0.18 mW.
Table 4:
Power rating as function of headroom
Headroom
Power output (THD = 0.1%)
Power dissipation (P)
0 dB
Po =4W
8W
12 dB
Po(ALL) = 252 mW
4 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com