Electronic Components Datasheet Search
  English  ▼

X  

TDA8944J Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8944J
Description  2 x 7 W stereo Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8944J Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8944J Datasheet HTML 6Page - NXP Semiconductors TDA8944J Datasheet HTML 7Page - NXP Semiconductors TDA8944J Datasheet HTML 8Page - NXP Semiconductors TDA8944J Datasheet HTML 9Page - NXP Semiconductors TDA8944J Datasheet HTML 10Page - NXP Semiconductors TDA8944J Datasheet HTML 11Page - NXP Semiconductors TDA8944J Datasheet HTML 12Page - NXP Semiconductors TDA8944J Datasheet HTML 13Page - NXP Semiconductors TDA8944J Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Philips Semiconductors
TDA8944J
2 x 7 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 February 2000
10 of 21
9397 750 06861
© Philips Electronics N.V. 2000. All rights reserved.
THD = 10%.
Fig 8.
Output power as function of supply voltage.
Fig 9.
Total power dissipation as function of supply
voltage.
VCC =12V.
Fig 10. Efficiency as function of output power.
Fig 11. Power dissipation as function of output power.
handbook, halfpage
20
16
12
8
4
0
04
8
12
16
VCC (V)
Po
(W)
20
MGL959
RL = 8 Ω
16
handbook, halfpage
20
16
12
8
4
0
04
8
12
16
VCC (V)
Ptot
(W)
20
MGL960
RL = 8 Ω
16
handbook, halfpage
100
80
60
40
20
0
02
4
6
8
Po (W)
η
(%)
10
MGL962
RL = 16 Ω
8
handbook, halfpage
10
8
6
4
2
0
02
4
6
8
Po (W)
P
(W)
10
MGL961
RL = 8 Ω
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com