Electronic Components Datasheet Search
  English  ▼

X  

AD8005 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8005
Description  270 MHz, 400 μA Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8005 Datasheet HTML 2Page - Analog Devices AD8005 Datasheet HTML 3Page - Analog Devices AD8005 Datasheet HTML 4Page - Analog Devices AD8005 Datasheet HTML 5Page - Analog Devices AD8005 Datasheet HTML 6Page - Analog Devices AD8005 Datasheet HTML 7Page - Analog Devices AD8005 Datasheet HTML 8Page - Analog Devices AD8005 Datasheet HTML 9Page - Analog Devices AD8005 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8005
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 6. Frequency Response; G = +1, +2, +10; VS = ±5 V
Figure 7. Gain Flatness; G = +2; VS = ±5 V or +5 V
Figure 8. Large Signal Frequency Response; G = +2, RL = 1 kΩ
Figure 9. Frequency Response; G = −1, −10; VS = ±5 V
Figure 10. Transimpedance Gain and Phase vs. Frequency
Figure 11. Output Swing vs. Frequency; VS = ±5 V
1
10
100
500
FREQUENCY (MHz)
0
5
4
3
2
1
–1
–2
–3
–4
–5
G = +10
RF = 499Ω
G = +1
G = +2
VS = ±5V
VOUT = 200mV p-p
RL = 1kΩ
0.1
1
10
100
500
FREQUENCY (MHz)
G = +2
VOUT = 200mV p-p
RL = 1kΩ
5.9
6.2
6.1
6.0
5.8
5.7
5.6
5.5
5.4
5.2
5.3
1
10
100
500
FREQUENCY (MHz)
7
–2
–1
0
1
2
3
4
5
6
VS = ±5V
VOUT = 2V p-p
VS = ±5V
VOUT = 4V p-p
1
10
100
500
FREQUENCY (MHz)
0
5
4
3
2
1
–1
–2
–3
–4
–5
G = –1
RF = 1.5kΩ
G = –10
RF = 1kΩ
VS = ±5V
VOUT = 200mV p-p
RL = 1kΩ
1k
1G
100M
10M
1M
100k
10k
FREQUENCY (Hz)
140
100
120
80
60
40
20
0
0
–80
–40
–120
–160
–200
–240
–280
PHASE
GAIN
0.5
1
10
100
FREQUENCY (MHz)
5
10
9
8
7
6
4
3
2
1
0
VS = ±5V
G = +2
RL = 1kΩ
Rev. B | Page 6 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com