Electronic Components Datasheet Search
  English  ▼

X  

AD8005 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8005
Description  270 MHz, 400 μA Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8005 Datasheet HTML 8Page - Analog Devices AD8005 Datasheet HTML 9Page - Analog Devices AD8005 Datasheet HTML 10Page - Analog Devices AD8005 Datasheet HTML 11Page - Analog Devices AD8005 Datasheet HTML 12Page - Analog Devices AD8005 Datasheet HTML 13Page - Analog Devices AD8005 Datasheet HTML 14Page - Analog Devices AD8005 Datasheet HTML 15Page - Analog Devices AD8005 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD8005
Figure 38. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding Code
AD8005ANZ
–40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
AD8005ARZ
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8005ARZ-REEL
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8005ARZ-REEL7
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8005ARTZ-R2
–40°C to +85°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
H05
AD8005ARTZ-REEL7
–40°C to +85°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
H05
AD8005AR-EBZ
Evaluation Board
AD8005ART-EBZ
Evaluation Board
1
Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Rev. B | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com