Electronic Components Datasheet Search
  English  ▼

X  

AD708BQ Datasheet(PDF) 1 Page - Analog Devices

Part # AD708BQ
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708BQ Datasheet(HTML) 1 Page - Analog Devices

  AD708BQ Datasheet HTML 1Page - Analog Devices AD708BQ Datasheet HTML 2Page - Analog Devices AD708BQ Datasheet HTML 3Page - Analog Devices AD708BQ Datasheet HTML 4Page - Analog Devices AD708BQ Datasheet HTML 5Page - Analog Devices AD708BQ Datasheet HTML 6Page - Analog Devices AD708BQ Datasheet HTML 7Page - Analog Devices AD708BQ Datasheet HTML 8Page - Analog Devices AD708BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultralow Offset Voltage
Dual Op Amp
Data Sheet
AD708
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Very high dc precision
30 μV maximum offset voltage
0.3 μV/°C maximum offset voltage drift
0.35 μV p-p maximum voltage noise (0.1 Hz to 10 Hz)
5 million V/V minimum open-loop gain
130 dB minimum CMRR
120 dB minimum PSRR
Matching characteristics
30 μV maximum offset voltage match
0.3 μV/°C maximum offset voltage drift match
130 dB minimum CMRR match
Available in 8-lead narrow body, PDIP, and
hermetic CERDIP and CERDIP/883B packages
PIN CONFIGURATION
1
OUTPUT A
2
–IN A
3
+IN A
4
–VS
+VS
8
OUTPUT B
7
–IN B
6
+IN B
5
AD708
TOP VIEW
(Not to Scale)
A
–
+
–
+
B
Figure 1. PDIP (N) and CERDIP (Q) Packages
GENERAL DESCRIPTION
The AD708 is a high precision, dual monolithic operational
amplifier. Each amplifier individually offers excellent dc
precision with maximum offset voltage and offset voltage drift
of any dual bipolar op amp.
The matching specifications are among the best available in any
dual op amp. In addition, the AD708 provides 5 V/μV mini-
mum open-loop gain and guaranteed maximum input voltage
noise of 350 nV p-p (0.1 Hz to 10 Hz). All dc specifications
show excellent stability over temperature, with offset voltage
drift typically 0.1 μV/°C and input bias current drift of
25 pA/°C maximum.
The AD708 is available in four performance grades. The
AD708J is rated over the commercial temperature range of
0°C to 70°C and is available in a narrow body, PDIP. The
AD708A and AD708B are rated over the industrial temperature
range of −40°C to +85°C and are available in a CERDIP.
The AD708S is rated over the military temperature range of
−55°C to +125°C and is available in a CERDIP military version
processed to MIL-STD-883B.
PRODUCT HIGHLIGHTS
1. The combination of outstanding matching and individual
specifications make the AD708 ideal for constructing high
gain, precision instrumentation amplifiers.
2. The low offset voltage drift and low noise of the AD708
allow the designer to amplify very small signals without
sacrificing overall system performance.
3. The AD708 10 V/µV typical open-loop gain and 140 dB
common-mode rejection make it ideal for precision
applications.


Similar Part No. - AD708BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD708BQ AD-AD708BQ Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
AD708BQ AD-AD708BQ Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
AD708BQ AD-AD708BQ Datasheet
351Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
More results

Similar Description - AD708BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD647 AD-AD647 Datasheet
378Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
AD708 AD-AD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
OP07 AD-OP07 Datasheet
448Kb / 10P
Ultralow Offset Voltage Dual Operational Amplifier
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
AD647 AD-AD647_15 Datasheet
385Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
REV. A
AD707 AD-AD707_15 Datasheet
329Kb / 8P
Ultralow Drift Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com