Electronic Components Datasheet Search
  English  ▼

X  

AD708BQ Datasheet(PDF) 12 Page - Analog Devices

Part # AD708BQ
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708BQ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD708BQ Datasheet HTML 8Page - Analog Devices AD708BQ Datasheet HTML 9Page - Analog Devices AD708BQ Datasheet HTML 10Page - Analog Devices AD708BQ Datasheet HTML 11Page - Analog Devices AD708BQ Datasheet HTML 12Page - Analog Devices AD708BQ Datasheet HTML 13Page - Analog Devices AD708BQ Datasheet HTML 14Page - Analog Devices AD708BQ Datasheet HTML 15Page - Analog Devices AD708BQ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD708
Data Sheet
Rev. D | Page 12 of 16
BRIDGE SIGNAL CONDITIONER
The AD708 can be used in the circuit shown in Figure 30 to
produce an accurate and inexpensive dynamic bridge condi-
tioner. The low offset voltage match and low offset voltage drift
match of the AD708 combine to achieve circuit performance
better than all but the best instrumentation amplifiers. The
outstanding specifications of the AD708, such as open-loop
gain, input offset currents, and low input bias currents, do not
limit circuit accuracy.
As configured, the circuit only requires a gain resistor, RG, of
suitable accuracy and a stable, accurate voltage reference. The
transfer function is
VO = VREF [∆R/(R + ∆R)][RG/R]
The only significant errors due to the AD708S are
VOS_OUT = (VOS_MATCH)(2RG/R) = 30 mV
VOS_OUT (T) = (VOS_DRIFT)(2RG/R) = 0.3 mV/°C
To achieve high accuracy, Resistor RG should be 0.1% or better
with a low drift coefficient.
R
R
R = 350Ω
R +
ΔR
1/2
AD708
VO
–15V
RG
175kΩ
1/2
AD708
887Ω
VREF
+15V
AD580
2.5V
Figure 30. Bridge Signal Conditioning Circuit
IN4591
IN4591
NOTE
1LOW LEAKAGE DIODES
1/2
AD708
1/2
AD708
5kΩ
10kΩ
VIN
VO = |VIN|
10kΩ
5kΩ
3.75kΩ
10kΩ
10kΩ
Figure 31. Precision Absolute Value Circuit
PRECISION ABSOLUTE VALUE CIRCUIT
The AD708 is ideally suited to the precision absolute value
circuit shown in Figure 31. The low offset voltage match of the
AD708 enables this circuit to accurately resolve the input signal.
In addition, the tight offset voltage drift match maintains the
resolution of the circuit over the full military temperature
range. The high dc open-loop gain and exceptional gain
linearity allows the circuit to perform well at both large and
small signal levels.
In this circuit, the only significant dc errors are due to the offset
voltage of the two amplifiers, the input offset current match of
the amplifiers, and the mismatch of the resistors. Errors
associated with the AD708S contribute less than 0.001% error
over −55°C to +125°C.
Maximum error at 25°C
(
)( )
ppm
4
μV
μV/10
40
V
10
nA
1
kΩ
10
μV
30
=
=
+
Maximum error at +125°C or −55°C
( )(
)
C
125
@
ppm
7
V
10
kΩ
10
nA
2
μV
50
°
+
=
+
Figure 32 shows VOUT vs. VIN for this circuit with a ±3 mV input
signal at 0.05 Hz. Note that the circuit exhibits very low offset at
the zero crossing. This circuit can also produce VOUT = −|VIN| by
reversing the polarity of the two diodes.
VIN = 1mV/DIV
1mV
1mV
Figure 32. Absolute Value Circuit Performance
(Input Signal = 0.05 Hz)
SELECTION OF PASSIVE COMPONENTS
Use high quality passive components to take full advantage of
the high precision and low drift characteristics of the AD708.
Discrete resistors and resistor networks with temperature
coefficients of less than 10 ppm/°C are available from Vishay,
Caddock, Precision Replacement Parts (PRP), and others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com