Electronic Components Datasheet Search
  English  ▼

X  

AD8067 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8067
Description  High Gain Bandwidth Product, Precision Fast FET™ Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 5 Page - Analog Devices

  AD8067 Datasheet HTML 1Page - Analog Devices AD8067 Datasheet HTML 2Page - Analog Devices AD8067 Datasheet HTML 3Page - Analog Devices AD8067 Datasheet HTML 4Page - Analog Devices AD8067 Datasheet HTML 5Page - Analog Devices AD8067 Datasheet HTML 6Page - Analog Devices AD8067 Datasheet HTML 7Page - Analog Devices AD8067 Datasheet HTML 8Page - Analog Devices AD8067 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD8067
Rev. B | Page 5 of 24
SPECIFICATIONS FOR ±12 V
VS = ±12 V (@ TA = +25°C, G = +10, RL = RF = 1 kΩ, unless otherwise noted.)
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VO = 0.2 V p-p
39
54
MHz
VO = 2 V p-p
53
MHz
Bandwidth for 0.1 dB Flatness
VO = 0.2 V p-p
8
MHz
Output Overdrive Recovery Time (Pos/Neg)
VI = ±1.5 V
75/180
ns
Slew Rate
VO = 5 V step
500
640
V/µs
Settling Time to 0.1%
VO = 5 V step
27
ns
NOISE/DISTORTION PERFORMANCE
Spurious-Free Dynamic Range (SFDR)
fC = 1 MHz, 2 V p-p
92
dBc
fC = 1 MHz, 20 V p-p
84
dBc
fC = 5 MHz, 2 V p-p
74
dBc
fC = 1 MHz, 2 V p-p, RL = 150 Ω
72
dBc
Input Voltage Noise
f = 10 kHz
6.6
nV/√Hz
Input Current Noise
f = 10 kHz
0.6
fA/√Hz
DC PERFORMANCE
Input Offset Voltage
0.2
1.0
mV
Input Offset Voltage Drift
1
15
µV/°C
Input Bias Current
1.0
5
pA
TMIN to TMAX
25
pA
Input Offset Current
0.2
1
pA
Open-Loop Gain
VO = ±10 V
107
119
dB
INPUT CHARACTERISTICS
Common-Mode Input Impedance
1000||1.5
GΩ||pF
Differential Input Impedance
1000||2.5
GΩ||pF
Input Common-Mode Voltage Range
−12.0
+9.0
V
Common-Mode Rejection Ratio (CMRR)
VCM = –1 V to +1 V
−89
−108
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ
−11.70 to +11.70
−11.85 to +11.84
V
RL = 500 Ω
−11.31 to +11.73
V
Output Current
SFDR > 60 dBc, f = 1 MHz
26
mA
Short Circuit Current
125
mA
Capacitive Load Drive
30% overshoot
120
pF
POWER SUPPLY
Operating Range
5
24
V
Quiescent Current
6.6
7.0
mA
Power Supply Rejection Ratio (PSRR)
−86
−97
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com