Electronic Components Datasheet Search
  English  ▼

X  

AD8067 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8067
Description  High Gain Bandwidth Product, Precision Fast FET™ Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8067 Datasheet HTML 14Page - Analog Devices AD8067 Datasheet HTML 15Page - Analog Devices AD8067 Datasheet HTML 16Page - Analog Devices AD8067 Datasheet HTML 17Page - Analog Devices AD8067 Datasheet HTML 18Page - Analog Devices AD8067 Datasheet HTML 19Page - Analog Devices AD8067 Datasheet HTML 20Page - Analog Devices AD8067 Datasheet HTML 21Page - Analog Devices AD8067 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8067
Data Sheet
Rev. B | Page 18 of 24
APPLICATIONS
WIDEBAND PHOTODIODE PREAMP
–
+
VOUT
VB
CF + CS
CD
CM
CM
RF
AD8067
RSH = 10
11
Ω
CS
IPHOTO
CF
RF
Figure 49. Wideband Photodiode Preamp
Figure 49 shows an I/V converter with an electrical model of a
photodiode.
The basic transfer function is
F
F
F
PHOTO
OUT
R
sC
R
I
V
+
×
=
1
where IPHOTO is the output current of the photodiode, and the
parallel combination of RF and CF sets the signal bandwidth.
The stable bandwidth attainable with this preamp is a function
of RF, the gain bandwidth product of the amplifier, and the total
capacitance at the amplifier’s summing junction, including CS
and the amplifier input capacitance. RF and the total capacitance
produce a pole in the amplifier’s loop transmission that can
result in peaking and instability. Adding CF creates a zero in the
loop transmission that compensates for the pole’s effect and
reduces the signal bandwidth. It can be shown that the signal
bandwidth resulting in a 45° phase margin (f(45)) is defined by
( )
S
F
45
C
R
GBP
f
×
×
=
π
2
GBP is the unit gain bandwidth product, RF is the feedback
resistance, and CS is the total capacitance at the amplifier
summing junction (amplifier + photodiode + board parasitics).
The value of CF that produces f(45) can be shown to be
GBP
R
C
C
F
S
F
×
×
=
π
2
The frequency response in this case shows about 2 dB of
peaking and 15% overshoot. Doubling CF and cutting the
bandwidth in half results in a flat frequency response, with
about 5% transient overshoot.
The preamp’s output noise over frequency is shown in Figure 50.
Table 6. RMS Noise Contributions of Photodiode Preamp
Contributor
Expression
RMS
Noise
(µV)1
RF × 2
57
1
2
f
R
kT
4
2
F
.
×
×
×
×
152
Amp to f1
1
f
VNOISE ×
4.3
Amp (f2 − f1)
(
)
1
f
–
2
f
C
C
2
C
C
C
V
F
D
F
M
S
NOISE
×
+
+
+
×
96
Amp (Past f2)
(
)
57
1
3
f
C
C
2
C
C
C
V
F
D
F
M
S
NOISE
.
×
×
+
+
+
×
684
RSS Total
708
1
RMS noise with RF = 50 kΩ, CS = 0.67 pF, CF = 0.33 pF, CM = 1.5 pF, and CD = 2.5 pF.
FREQUENCY – Hz
RF NOISE
f1
NOISE DUE TO AMPLIFIER
VEN
f2
1
2πRF(CF + CS + CM + 2C D)
f1 =
f2 =
1
2πRFCF
f3 =
GBP
(CS + CM + 2C D + CF)/CF
VEN (C F + CS + CM + 2C D)/CF
f3
Figure 50. Photodiode Voltage Noise Contributions
Figure 51 shows the AD8067 configured as a transimpedance
photodiode amplifier. The amplifier is used in conjunction with
a JDS uniphase photodiode detector. This amplifier has a
bandwidth of 9.6 MHz, as shown in Figure 52, and is verified by
the design equations shown in Figure 50.
AD8067
0.1
µF
10
µF
+5V
49.9k
Ω
50
Ω
49.9k
Ω
0.33pF
VOUT
0.1
µF
10
µF
–5V
EPM 605 LL
–5V
0.33pF
NOTES
ID @ –5V = 0.074nA
CD @ –5V = 0.690pF
RB @ 1550nm = –49dB
Figure 51. Photodiode Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com