Electronic Components Datasheet Search
  English  ▼

X  

AD8074 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8074
Description  500 MHz, G = 1 and 2 Triple Video Buffers with Disable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8074 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8074 Datasheet HTML 2Page - Analog Devices AD8074 Datasheet HTML 3Page - Analog Devices AD8074 Datasheet HTML 4Page - Analog Devices AD8074 Datasheet HTML 5Page - Analog Devices AD8074 Datasheet HTML 6Page - Analog Devices AD8074 Datasheet HTML 7Page - Analog Devices AD8074 Datasheet HTML 8Page - Analog Devices AD8074 Datasheet HTML 9Page - Analog Devices AD8074 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD8074/AD8075
–6–
FREQUENCY – MHz
0.1
1000
1
10
100
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
RL = 1k
RL = 150
TPC 11. AD8074 Off Isolation vs. Frequency
FREQUENCY – MHz
0.1
1000
1
10
100
–20
–30
–40
–50
–60
–70
–80
10
0
–10
+PSRR
–PSRR
TPC 12. AD8074 PSRR vs. Frequency
10
100
1M
1k
10k
100k
FREQUENCY – Hz
350
300
250
200
150
100
50
0
TPC 13. AD8074 Voltage Noise vs. Frequency
FREQUENCY – MHz
0.1
1000
1
10
100
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
RL = 1k
RL = 150
TPC 14. AD8075 Off Isolation vs. Frequency
FREQUENCY – MHz
0.1
1000
1
10
100
–10
–20
–30
–40
–50
–60
–70
20
10
0
+PSRR
–PSRR
TPC 15. AD8075 PSRR vs. Frequency
10
100
1M
1k
10k
100k
FREQUENCY – Hz
350
300
250
200
150
100
50
0
400
TPC 16. AD8075 Voltage Noise vs. Frequency
Rev. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com