Electronic Components Datasheet Search
  English  ▼

X  

AD8074 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8074
Description  500 MHz, G = 1 and 2 Triple Video Buffers with Disable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8074 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8074 Datasheet HTML 4Page - Analog Devices AD8074 Datasheet HTML 5Page - Analog Devices AD8074 Datasheet HTML 6Page - Analog Devices AD8074 Datasheet HTML 7Page - Analog Devices AD8074 Datasheet HTML 8Page - Analog Devices AD8074 Datasheet HTML 9Page - Analog Devices AD8074 Datasheet HTML 10Page - Analog Devices AD8074 Datasheet HTML 11Page - Analog Devices AD8074 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD8074/AD8075
–8–
2ns
VO = 200mV STEP
0
–0.15
–0.10
–0.05
0.05
0.10
0.15
TPC 23. AD8074 Small Signal Pulse Response (RL = 1 k
Ω,
CL = 5 pF)
0
–0.2
–0.1
0.6
0.1
0.2
0.3
0.4
0.5
0.7
0.8
2ns
VO = 700mV STEP
TPC 24. AD8074 Video Amplitude Pulse Response
(RL = 1 k
Ω, CL = 5 pF)
0
–1.5
–1.0
1.5
0.5
1.0
–0.5
2ns
VO = 2V STEP
TPC 25. AD8074 Large Signal Pulse Response
(RL = 1 k
Ω, CL = 5 pF)
0
–0.15
–0.10
0.15
0.05
0.10
–0.05
2ns
VO = 200mV STEP
TPC 26. AD8075 Small Signal Pulse Response (RL = 150 k
Ω)
2ns
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VO = 700mV STEP
TPC 27. AD8075 Video Amplitude Pulse Response
(RL = 150
Ω)
–1.5
0
0.5
1.0
1.5
–1.0
–0.5
2ns
VO = 2V STEP
TPC 28. AD8075 Large Signal Pulse Response (RL = 150
Ω)
Rev. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com