Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 1 Page - Analog Devices

Part # AD820
Description  Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 1 Page - Analog Devices

  AD820 Datasheet HTML 1Page - Analog Devices AD820 Datasheet HTML 2Page - Analog Devices AD820 Datasheet HTML 3Page - Analog Devices AD820 Datasheet HTML 4Page - Analog Devices AD820 Datasheet HTML 5Page - Analog Devices AD820 Datasheet HTML 6Page - Analog Devices AD820 Datasheet HTML 7Page - Analog Devices AD820 Datasheet HTML 8Page - Analog Devices AD820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Single-Supply, Rail-to-Rail,
Low Power, FET Input Op Amp
AD820
Rev. H
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2011 Analog Devices, Inc. All rights reserved.
FEATURES
True single-supply operation
Output swings rail-to-rail
Input voltage range extends below ground
Single-supply capability from 5 V to 30 V
Dual-supply capability from ±2.5 V to ±15 V
Excellent load drive
Capacitive load drive up to 350 pF
Minimum output current of 15 mA
Excellent ac performance for low power
800 μA maximum quiescent current
Unity-gain bandwidth: 1.8 MHz
Slew rate of 3 V/μs
Excellent dc performance
800 μV maximum input offset voltage
2 μV/°C typical offset voltage drift
25 pA maximum input bias current
Low noise: 13 nV/√Hz @ 10 kHz
APPLICATIONS
Battery-powered precision instrumentation
Photodiode preamps
Active filters
12-bit to 14-bit data acquisition systems
Medical instrumentation
Low power references and regulators
PIN CONFIGURATIONS
NC = NO CONNECT
NULL
1
–IN
2
+IN
3
–VS 4
NC
8
+VS
7
VOUT
6
NULL
5
AD820
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead PDIP
NC = NO CONNECT
NC
1
–IN
2
+IN
3
–VS 4
NC
8
+VS
7
VOUT
6
NC
5
AD820
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC_N and 8-Lead MSOP
GENERAL DESCRIPTION
The AD820 is a precision, low power FET input op amp that
can operate from a single supply of 5 V to 36 V, or dual supplies
of ±2.5 V to ±18 V. It has true single-supply capability, with an
input voltage range extending below the negative rail, allowing
the AD820 to accommodate input signals below ground in the
single-supply mode. Output voltage swing extends to within
10 mV of each rail, providing the maximum output dynamic range.
Offset voltage of 800 μV maximum, offset voltage drift of
2 μV/°C, typical input bias currents below 25 pA, and low input
voltage noise provide dc precision with source impedances up
to 1 GΩ. 1.8 MHz unity gain bandwidth, −93 dB THD at
10 kHz, and 3 V/μs slew rate are provided for a low supply
current of 800 μA. The AD820 drives up to 350 pF of direct
capacitive load and provides a minimum output current of
15 mA. This allows the amplifier to handle a wide range of load
conditions. This combination of ac and dc performance, plus
the outstanding load drive capability, results in an exceptionally
versatile amplifier for the single-supply user.
The AD820 is available in two performance grades. The A and
B grades are rated over the industrial temperature range of
−40°C to +85°C. The AD820 is offered in three 8-lead package
options: plastic DIP (PDIP), surface mount (SOIC) and (MSOP).
100
90
10
0%
1V
1V
1V
20µs
Figure 3. Gain-of-2 Amplifier; VS = 5 V, 0 V, VIN = 2.5 V Sine Centered at 1.25 V


Similar Part No. - AD820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820 Datasheet
237Kb / 16P
Single Supply, Rail to Rail Low Power FET-Input Op Amp
REV.B
logo
List of Unclassifed Man...
AD820 ETC1-AD820 Datasheet
141Kb / 1P
SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD820 AD-AD820 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820 AD-AD820 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
AD820 AD-AD820 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
More results

Similar Description - AD820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD824 AD-AD824 Datasheet
551Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV.A
AD824 AD-AD824_03 Datasheet
552Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD820 AD-AD820_07 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD822 AD-AD822_15 Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824 AD-AD824_15 Datasheet
436Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com