Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 12 Page - Analog Devices

Part # AD820
Description  Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD820 Datasheet HTML 8Page - Analog Devices AD820 Datasheet HTML 9Page - Analog Devices AD820 Datasheet HTML 10Page - Analog Devices AD820 Datasheet HTML 11Page - Analog Devices AD820 Datasheet HTML 12Page - Analog Devices AD820 Datasheet HTML 13Page - Analog Devices AD820 Datasheet HTML 14Page - Analog Devices AD820 Datasheet HTML 15Page - Analog Devices AD820 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD820
Rev. H | Page 12 of 24
100
–20
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
80
60
40
20
0
100
–20
80
60
40
20
0
GAIN
PHASE
RL = 2kΩ
CL = 100pF
Figure 16. Open-Loop Gain and Phase Margin vs. Frequency
1k
0.01
100
10M
FREQUENCY (Hz)
1k
10k
100k
1M
0.1
1
10
100
ACL = +1
VS = ±15V
Figure 17. Output Impedance vs. Frequency
16
–16
0
5
SETTLING TIME (µs)
12
8
4
0
–4
–8
–12
1
2
3
4
1%
1%
0.1%
0.01%
ERROR
Figure 18. Output Swing and Error vs. Settling Time
100
0
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
90
80
70
60
50
40
30
20
10
VS = 0V, +5V
VS = ±15V
Figure 19. Common-Mode Rejection vs. Frequency
5
0
–1
3
COMMON-MODE VOLTAGE FROM SUPPLY RAILS (V)
4
3
2
1
0
1
2
NEGATIVE
RAIL
POSITIVE
RAIL
+25ºC
–55ºC
–55ºC
+125ºC
+125ºC
Figure 20. Absolute Common-Mode Error vs. Common-Mode Voltage
from Supply Rails (VS − VCM)
1k
1
0.001
100
LOAD CURRENT (mA)
0.01
0.1
1
10
10
100
VS – VOH
VOL – VS
Figure 21. Output Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com