Electronic Components Datasheet Search
  English  ▼

X  

AD8032ARM Datasheet(PDF) 10 Page - Analog Devices

Part # AD8032ARM
Description  2.7 V, 800 μA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8032ARM Datasheet HTML 6Page - Analog Devices AD8032ARM Datasheet HTML 7Page - Analog Devices AD8032ARM Datasheet HTML 8Page - Analog Devices AD8032ARM Datasheet HTML 9Page - Analog Devices AD8032ARM Datasheet HTML 10Page - Analog Devices AD8032ARM Datasheet HTML 11Page - Analog Devices AD8032ARM Datasheet HTML 12Page - Analog Devices AD8032ARM Datasheet HTML 13Page - Analog Devices AD8032ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8031/AD8032
Data Sheet
Rev. G | Page 10 of 20
FREQUENCY (MHz)
5
4
–5
3
2
1
0
–1
–2
–3
–4
0.1
1
10
100
VS =5V
G= +1
RL =1kΩ
Figure 26. Unity Gain, −3 dB Bandwidth
FREQUENCY (MHz)
–5
3
2
1
0
–1
–2
–3
–4
VS = 5V
VIN = –16dBm
0.1
1
10
100
+85°C
+25°C
–40°C
VS
VIN
50Ω
2kΩ
VOUT
Figure 27. Closed-Loop Gain vs. Temperature
1M
FREQUENCY (Hz)
–8
2
1
0
–1
–4
–5
–6
–7
–2
–3
100k
10M
100M
G= +1
CL =5pF
RL =1kΩ
VS =+5V
RL +CL
TO 2.5V
VS = +2.7V
RL +CL TO 1.35V
VS =±5V
Figure 28. Closed-Loop Gain vs. Supply Voltage
FREQUENCY (MHz)
–20
30
20
10
0
–10
40
–90
–135
–180
–225
PHASE
GAIN
100
10
1
0.3
Figure 29. Open-Loop Frequency Response
10M
FUNDAMENTAL FREQUENCY (Hz)
–80
–20
–30
–40
–50
–60
–70
1k
10k
100k
1M
2V p-p
VS =2.7V
1.3V p-p
VS =2.7V
4.8V p-p
VS =5V
2
G= +1,RL =2kΩ TO
VCC
2.5V p-p
VS =2.7V
Figure 30. Total Harmonic Distortion vs. Frequency; G = +1
FUNDAMENTAL FREQUENCY (Hz)
–80
–20
–30
–40
–50
–60
–70
–90
–100
1k
10k
100k
1M
10M
G= +2
VS =5V
RL =1kΩ TO 2
VCC
1V p-p
4V p-p
4.6V p-p
4.8V p-p
Figure 31. Total Harmonic Distortion vs. Frequency; G +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com