Electronic Components Datasheet Search
  English  ▼

X  

AD8032ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD8032ARM
Description  2.7 V, 800 μA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8032ARM Datasheet HTML 8Page - Analog Devices AD8032ARM Datasheet HTML 9Page - Analog Devices AD8032ARM Datasheet HTML 10Page - Analog Devices AD8032ARM Datasheet HTML 11Page - Analog Devices AD8032ARM Datasheet HTML 12Page - Analog Devices AD8032ARM Datasheet HTML 13Page - Analog Devices AD8032ARM Datasheet HTML 14Page - Analog Devices AD8032ARM Datasheet HTML 15Page - Analog Devices AD8032ARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8031/AD8032
Data Sheet
Rev. G | Page 12 of 20
10µs/DIV
0
RL TO
+2.5V
RL TO GND
VS = +5V
RL = 1kΩ
G = –1
Figure 38. Output Swing
50ns/DIV
3.1
2.9
2.7
2.3
2.1
1.9
2.5
G = +2
RF = RG = 2.5kΩ
RL = 2kΩ
CL = 5pF
VS = 5V
Figure 39. 1 V Step Response
2.85
2.35
1.85
0.85
0.35
1.35
VS = 2.7V
RL = 1kΩ
G = –1
10µs/DIV
RL TO GND
RL TO
1.35V
Figure 40. Output Swing
50ns/DIV
2.56
2.54
2.52
2.48
2.46
2.44
2.50
G = +1
RF = 0Ω
RL = 2kΩ TO 2.5V
CL = 5pF TO 2.5V
VS = 5V
Figure 41. 100 mV Step Response
FREQUENCY (MHz)
0
0
1
1
.
0
1
10
–50
–60
–70
–100
200
–80
–90
VS = ±2.5V
VIN = +10dBm
0.1
1
10
100 200
1k
Ω
50
Ω
VIN
2.5k
Ω
2.5k
Ω
2.5k
Ω
50
Ω
2.5k
Ω
TRANSMITTER
RECEIVER
VOUT
Figure 42. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com