Electronic Components Datasheet Search
  English  ▼

X  

TDA8945 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8945
Description  15 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8945 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8945 Datasheet HTML 3Page - NXP Semiconductors TDA8945 Datasheet HTML 4Page - NXP Semiconductors TDA8945 Datasheet HTML 5Page - NXP Semiconductors TDA8945 Datasheet HTML 6Page - NXP Semiconductors TDA8945 Datasheet HTML 7Page - NXP Semiconductors TDA8945 Datasheet HTML 8Page - NXP Semiconductors TDA8945 Datasheet HTML 9Page - NXP Semiconductors TDA8945 Datasheet HTML 10Page - NXP Semiconductors TDA8945 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Philips Semiconductors
TDA8945S
15 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
7 of 21
9397 750 06866
© Philips Electronics N.V. 2000. All rights reserved.
11. Static characteristics
[1]
With a load connected at the outputs the quiescent current will increase, the maximum of this increase being equal to the differential
output voltage offset
(∆V
OUT) divided by the load resistance (RL).
[2]
The DC output voltage with respect to ground is approximately 0.5VCC.
[3]
∆V
OUT = | VOUT+ − VOUT
− |.
Table 7:
Static characteristics
VCC =18V; Tamb =25 °C; RL =8 Ω; VMODE =0V; Vi = 0 V; measured in test circuit Figure 13; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating
6
18
25
V
Iq
quiescent supply current
RL = ∞
[1] -
1828mA
Istb
standby supply current
VMODE =VCC
--10
µA
VO
DC output voltage
[2] -9
-V
∆VOUT[3]
differential output voltage offset
-
-
200
mV
VMODE
mode selection input voltage
operating mode
0
-
0.5
V
mute mode
3
-
VCC − 1.5
V
standby mode
VCC − 0.5
-
VCC
V
IMODE
mode selection input current
0 < VMODE <VCC
--20
µA
Fig 3.
Quiescent supply current as function of supply
voltage.
Fig 4.
Quiescent supply current as function of mode
voltage.
handbook, halfpage
30
25
20
15
10
5
0
04
8
12
16
VCC (V)
Iq
(mA)
20
MGU052
handbook, halfpage
24
20
16
12
8
4
0
04
8
12
16
VMODE (V)
Iq
(mA)
20
MGU053
VCC = 18 V
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com