Electronic Components Datasheet Search
  English  ▼

X  

TDA8945 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8945
Description  15 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8945 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8945 Datasheet HTML 1Page - NXP Semiconductors TDA8945 Datasheet HTML 2Page - NXP Semiconductors TDA8945 Datasheet HTML 3Page - NXP Semiconductors TDA8945 Datasheet HTML 4Page - NXP Semiconductors TDA8945 Datasheet HTML 5Page - NXP Semiconductors TDA8945 Datasheet HTML 6Page - NXP Semiconductors TDA8945 Datasheet HTML 7Page - NXP Semiconductors TDA8945 Datasheet HTML 8Page - NXP Semiconductors TDA8945 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TDA8945S
15 W mono Bridge Tied Load (BTL) audio amplifier
Rev. 02 — 7 April 2000
Product specification
c
c
1.
General description
The TDA8945S is a single-channel audio power amplifier with an output power of
15 W at an 8
Ω load and an 18 V supply. The circuit contains a Bridge Tied Load
(BTL) amplifier with an all-NPN output stage and standby/mute logic. The TDA8945S
comes in a 9-lead single in-line (SIL) power package. The TDA8945S is
printed-circuit board (PCB) compatible with all other types in the TDA894x family.
One PCB footprint accommodates both the mono and the stereo products.
2.
Features
s Few external components
s Fixed gain
s Standby and mute mode
s No on/off switching plops
s Low standby current
s High supply voltage ripple rejection
s Outputs short-circuit protected to ground, supply and across the load
s Thermally protected
s Printed-circuit board compatible.
3.
Applications
s Mains fed applications (e.g. TV sound)
s PC audio
s Portable audio.
4.
Quick reference data
Table 1:
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
6
18
25
V
Iq
quiescent supply current
VCC =18V; RL = ∞
-
1828mA
Istb
standby supply current
-
-
10
µA


Similar Part No. - TDA8945

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8941 PHILIPS-TDA8941 Datasheet
370Kb / 21P
1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8942 PHILIPS-TDA8942 Datasheet
395Kb / 23P
2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8943 PHILIPS-TDA8943 Datasheet
358Kb / 20P
6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
More results

Similar Description - TDA8945

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
3 W mono BTL audio output amplifier
May 1992
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
Mono, Bridge-Tied Load, Ceramic Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com