Electronic Components Datasheet Search
  English  ▼

X  

SSF2445CU Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2445CU
Description  Advanced trench MOSFET process technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2445CU Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF2445CU Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSF2445CU
©Silikron Microelectronics (Suzhou) Co.,Ltd
www.silikron.com
Version: 1.1
page 1 of 6
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
N-channel
P-channel
ID @ TC = 25°C
Continuous Drain Current, VGS @ 4.5V ①
4.9
-2.9
A
IDM
Pulsed Drain Current ②
18
-11.6
PD @TC = 25°C
Power Dissipation ③
1.76
1.76
W
VDS
Drain-Source Voltage
20
-20
V
VGS
Gate-to-Source Voltage
±8
±8
V
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
-55 to +150
°C
N-ch
P-ch
VDSS
20V
-20V
RDSon(typ.)
22 m
Ω
62 m
Ω
ID
4.9A
-2.9A
Marking and Pin
Assignments
Schematic Diagram
SOT23-6
Advanced trench MOSFET process technology
Special designed for load switching and buttery
protection applications
150°C operating temperature
It utilizes the latest trench processing techniques to achieve the high cell density and reduces the
on-resistance with high repetitive avalanche rating. These features combine to make this design an extremely
efficient and reliable device for use in load switching and a wide variety of other applications


Similar Part No. - SSF2445CU

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2449 SILIKRON-SSF2449 Datasheet
563Kb / 5P
PWM applications
logo
GOOD-ARK Electronics
SSF2449 GOOD-ARK-SSF2449 Datasheet
354Kb / 4P
20V P-Channel MOSFET
SSF2449 GOOD-ARK-SSF2449_15 Datasheet
354Kb / 4P
20V P-Channel MOSFET
More results

Similar Description - SSF2445CU

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
Advanced trench MOSFET process technology
SSF1010 SILIKRON-SSF1010 Datasheet
422Kb / 8P
Advanced trench MOSFET process technology
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com