Electronic Components Datasheet Search
  English  ▼

X  

SSF2445CU Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2445CU
Description  Advanced trench MOSFET process technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2445CU Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF2445CU Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2445CU Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSF2445CU
©Silikron Microelectronics (Suzhou) Co.,Ltd
www.silikron.com
Version: 1.1
page 2 of 6
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
N-channel
P-channel
RθJA
Junction-to-ambient (t ≤ 10s) ④
—
71
116
°C /W
Junction-to-Ambient (PCB mounted, steady-state) ④
—
51
56
°C /W
Electrical Characteristics @T
A=25°C unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown
voltage
N-channel
20
—
—
V
VGS = 0V, ID = 250μA
P-channel
-20
—
—
VGS = 0V, ID = -250μA
RDS(on)
Static Drain-to-Source
on-resistance
N-channel
—
22
55
mΩ
VGS=4.5V,ID = 3.6A
P-channel
—
62
80
VGS=-4.5V,ID = -3A
N-channel
—
23
75
VGS=3.5V,ID = 3.1A
P-channel
—
67
100
VGS=-3.5V,ID = -2A
VGS(th)
Gate threshold voltage
N-channel
0.4
—
1
V
VDS = VGS, ID = 250μA
N-channel
-0.4
—
-1
VDS = VGS, ID = -250μA
IDSS
Drain-to-Source leakage
current
N-channel
—
—
1
μA
VDS = 20V,VGS = 0V
P-channel
—
—
-1
VDS = -20V,VGS = 0V
IGSS
Gate-to-Source forward
leakage
N-channel
—
—
100
nA
VGS =8V
N-channel
—
—
-100
VGS = -8V
P-channel
—
—
100
VGS =8V
P-channel
—
—
-100
VGS = -8V
Ciss
Input capacitance
N-channel
—
295
—
pF
VGS = 0V,
VDS = 20V,
ƒ = 1.0MHz
Coss
Output capacitance
N-channel
—
50
—
Crss
Reverse transfer capacitance
N-channel
—
39
—
Ciss
Input capacitance
P-channel
—
396
—
VGS = 0V,
VDS = -20V,
ƒ = 1.0MHz
Coss
Output capacitance
P-channel
—
53
—
Crss
Reverse transfer capacitance
P-channel
—
46
—



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com