Electronic Components Datasheet Search
  English  ▼

X  

C3028LD Datasheet(PDF) 4 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # C3028LD
Description  N-Channel and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

C3028LD Datasheet(HTML) 4 Page - BYCHIP ELECTRONICS CO., LIMITED

  C3028LD Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 6Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 7Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 8Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
■ NMOS Typical Electrical and Thermal Characteristics Diagrams
4.5V
3.5V
6V
5V
2.5V
7V
8V
9V
V
10
VGS=
℃
25
Tj=
-Drain to Source Voltage (V)
VDS
5
4
3
2
1
0
80
60
40
20
0
S=5V
D
V
℃
25
℃
150
-Gate to Source Voltage (V)
VGS
5
4
3
2
1
0
20
15
10
5
0
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
℃
25
Tj=
Crss
Coss
Ciss
-Drain to Source Voltage (V)
VDS
30
20
10
0
1000
100
10
1
℃
25
Tj=
ID=7A
V
15
VDS=
-Total Gate Charge (nC)
Qg
12
15
9
6
3
0
10
8
6
4
2
0
Figure 3. Capacitance Characteristics
Figure 4. Gate Charge
℃
Tj=25
ID=7A
-Gate to Source Voltage (V)
VGS
10
8
6
4
2
100
80
60
40
20
0
ID=7A
V
10
Vgs=
)
℃
-Junction Temperature (
Tj
125
175
25
75
-75
-25
2
1.5
1
0.5
Figure 5. On-Resistance vs Gate to Source Voltage
Figure 6. Normalized On- Resistance
www.bychip.cn
C3028LD
v4.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com