Electronic Components Datasheet Search
  English  ▼

X  

C3028LD Datasheet(PDF) 5 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # C3028LD
Description  N-Channel and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

C3028LD Datasheet(HTML) 5 Page - BYCHIP ELECTRONICS CO., LIMITED

  C3028LD Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 6Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 7Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 8Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10
15
20
25
30
35
0
5
10
15
20
ID-Drain Current (A)
Tj=25
℃
VGS=4.5V
VGS=10V
0.1
1
10
100
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
Vsd- Source to Drain Voltage (V)
25
℃
150
℃
Figure 7. RDS(on) VS Drain Current
Figure 8. Forward characteristics of reverse diode
0.9
0.95
1
1.05
1.1
1.15
-75
-25
25
75
125
175
Tj-Junction Temperature (℃)
ID=250uA
0.2
0.4
0.6
0.8
1
1.2
1.4
-75
-25
25
75
125
175
Tj-Junction Temperature (℃)
ID=250uA
Figure 9. Normalized breakdown voltage
Figure 10. Normalized Threshold voltage
0
2
4
6
8
-50
0
50
100
150
Ta-Ambient Temperature (℃)
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
Ta-Ambient Temperature (℃)
Figure 11. Current dissipation
Figure 12. Power dissipation
www.bychip.cn
C3028LD
v5.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com