Electronic Components Datasheet Search
  English  ▼

X  

TDA9150B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9150B
Description  Programmable deflection controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9150B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9150B Datasheet HTML 4Page - NXP Semiconductors TDA9150B Datasheet HTML 5Page - NXP Semiconductors TDA9150B Datasheet HTML 6Page - NXP Semiconductors TDA9150B Datasheet HTML 7Page - NXP Semiconductors TDA9150B Datasheet HTML 8Page - NXP Semiconductors TDA9150B Datasheet HTML 9Page - NXP Semiconductors TDA9150B Datasheet HTML 10Page - NXP Semiconductors TDA9150B Datasheet HTML 11Page - NXP Semiconductors TDA9150B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
July 1994
8
Philips Semiconductors
Preliminary specification
Programmable deflection controller
TDA9150B
Table 3 Explanation of control bits shown in Table 2.
Table 4 Clock frequency control bit (pin 5; note 1).
Note
1. Switching of the prescaler is only allowed when LFSS is LOW. It is highly recommended to hard wire LLCS to ground
or VCC. Active switching may damage the output power transistor due to the changing HOUT pulse. This may cause
very high currents and large flyback pulses. The permitted combinations of LLC and the prescaler are shown in
Table 5.
Table 5 Line duration with prescaler.
Note
1. Combination not allowed.
CONTROL BITS
DESCRIPTION
LFSS
line frame start/stop
DINT
de-interlace
BLDS
bleeder mode selection
GBS
guard band selection
VAP
polarity of VA edge detection
FBL
flyback slicing level
CSU
clamping suppression mode
PRD
protection/detection mode
DIP
de-interlace phase
CPR
compression on/off
VPR
vertical power reduction mode
CONTROL BIT
LOGIC
FUNCTION
LLCS
0
prescaler on: the internal clock frequency fclk = 1⁄2fLLC
1
prescaler off (default by internal pull-up resistor): the internal clock frequency fclk = fLLC
LLC (MHz)
ON (
µs)
OFF (
µs)
6.75
note 1
64
13.5
64
32
27
32
note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com