Electronic Components Datasheet Search
  English  ▼

X  

TDA9150B Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA9150B
Description  Programmable deflection controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9150B Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA9150B Datasheet HTML 18Page - NXP Semiconductors TDA9150B Datasheet HTML 19Page - NXP Semiconductors TDA9150B Datasheet HTML 20Page - NXP Semiconductors TDA9150B Datasheet HTML 21Page - NXP Semiconductors TDA9150B Datasheet HTML 22Page - NXP Semiconductors TDA9150B Datasheet HTML 23Page - NXP Semiconductors TDA9150B Datasheet HTML 24Page - NXP Semiconductors TDA9150B Datasheet HTML 25Page - NXP Semiconductors TDA9150B Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
July 1994
22
Philips Semiconductors
Preliminary specification
Programmable deflection controller
TDA9150B
TIMING (PRESCALER OFF;fclk =fLLC WHERE fclk = INTERNAL CLOCK)
fLLC
line-locked clock frequency
6.2
−
15.5
MHz
K
line-locked clock frequency ratio
between fLLC and fH
H locked
428
432
432
H unlocked
−
433
−
line-locked clock frequency ratio
between fclk and fH
H locked
428
432
432
H unlocked
−
433
−
V5
LLCS input voltage
0
−
8.8
V
VIL
LOW level input voltage (pin 5)
−−
1.5
V
VIH
HIGH level input voltage (pin 5)
3.5
−−
V
IIL
LOW level input current (pin 5)
V5 = VSSD
−−
−150
µA
IIH
HIGH level input current (pin 5)
V5 = VCC
−−
100
µA
Horizontal part
INPUT SIGNALS
HA (pin 13)
VIL
LOW level input voltage
−−
0.8
V
VIH
HIGH level input voltage
2.0
−−
V
I13
input current
V13 = 5.5 V
−10
−
+10
µA
tr
rise time
0
−
1
⁄2tLLC
ns
tf
fall time
0
−
1
⁄2tLLC
ns
tWH
pulse width HIGH
2
× tclk
−−
tWL
pulse width LOW
2
× tclk
−−
HFB (pin 1)
VPSL
phase slicing level
FBL = logic 0
3.7
3.9
4.1
V
FBL = logic 1
1.1
1.3
1.5
V
Vblank
blanking slicing level
0
0.1
0.2
V
I1
input current
−10
−
+10
µA
Horizontal phase (delay centre flyback pulse to leading edge of HA; where N = horizontal phase data)
CR
control range
0
N
× tclk
N + (432
− K)
× tclk
number of steps
−
63
−
OUTPUT SIGNALS
HOUT (pin 20)
V20
output voltage
I20 = 0
0
−
VCC
V
VOL
LOW level output voltage
I20 = 10 mA
−−
0.5
V
I20
input current
output off
−10
−
+10
µA
δ
duty factor
normal operation
51
52
53
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com