Electronic Components Datasheet Search
  English  ▼

X  

TDA9170 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9170
Description  YUV picture improvement processor based on histogram modification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9170 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9170 Datasheet HTML 4Page - NXP Semiconductors TDA9170 Datasheet HTML 5Page - NXP Semiconductors TDA9170 Datasheet HTML 6Page - NXP Semiconductors TDA9170 Datasheet HTML 7Page - NXP Semiconductors TDA9170 Datasheet HTML 8Page - NXP Semiconductors TDA9170 Datasheet HTML 9Page - NXP Semiconductors TDA9170 Datasheet HTML 10Page - NXP Semiconductors TDA9170 Datasheet HTML 11Page - NXP Semiconductors TDA9170 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
October 1994
9
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification
TDA9170
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω resistor.
2. Machine model: equivalent to discharging a 200 pF capacitor through a 0
Ω resistor.
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611 part E”. The numbers of the quality specification can be found in the “Quality
Reference Handbook”. The Handbook can be ordered using the code 9398 510 63011. All pins are protected against
electrostatic discharge by means of clamping diodes.
Latch-up
At Tamb = 70 °C all pins meet the specification as follows, except for pins 6 and 7 at positive trigger currents:
Itrigger > 100 mA or Vpin > 1.5VDDA(max).
Itrigger < −100 mA or Vpin < −0.5VDDA(max).
pin 6, Vref: Itrigger > 40 mA or Vpin > 1.5VDDA(max).
pin 24, VDDD: Itrigger > 70 mA or Vpin > 1.5VDDA(max).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDA
analog supply voltage
−0.5
+8.8
V
VDDD
digital supply voltage
−0.5
+5.5
V
Vref
reference supply voltage
−0.5
+5.5
V
Vn
voltage input/output on any other pin
−0.5
VDDA + 0.5 V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−10
+70
°C
Ves
electrostatic discharge
note 1
−2000
+2000
V
note 2
−200
+200
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
48
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com