Electronic Components Datasheet Search
  English  ▼

X  

GL1118 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GL1118
Description  0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL1118 Datasheet(HTML) 3 Page - GTM CORPORATION

  GL1118 Datasheet HTML 1Page - GTM CORPORATION GL1118 Datasheet HTML 2Page - GTM CORPORATION GL1118 Datasheet HTML 3Page - GTM CORPORATION GL1118 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GL1118
Page: 3/4
ISSUED DATE :2005/06/06
REVISED DATE :2006/06/05C
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max Unit
Reference Voltage
GL1118ADJ
Io=10mA, TJ=25 : , (VIN-VOUT)=1.5V
1.225 1.250 1.275
V
GL1118-1.5
Io=10mA, TJ=25 : , 3.0V VIN 12V
1.470 1.500 1.530
V
GL1118-1.8
Io=10mA, TJ=25 : , 3.3V VIN 12V
1.764 1.800 1.836
V
GL1118-2.5
Io=10mA, TJ=25 : , 4.0V VIN 12V
2.450 2.500 2.550
V
GL1118-3.3
Io=10mA, TJ=25 : , 4.8V VIN 12V
3.235 3.300 3.365
V
Output Voltage
GL1118-5.0
Io=10mA, TJ=25 : , 6.5V VIN 12V
4.900 5.000 5.100
V
Line Regulation
GL1118-XXX
Io=10mA, VOUT+1.5V< VIN <12V, TJ=25 :
-
-
0.2
%
GL1118ADJ
VIN=3.3V, Vadj=0, 0mA< Io <0.8A, TJ=25 :
(Note 1,2)
-
-
1
%
GL1118-1.5
VIN=3.0V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
12
15
mV
GL1118-1.8
VIN=3.3V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
15
18
mV
GL1118-2.5
VIN=4.0V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
20
25
mV
GL1118-3.3
VIN=5.0V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
26
33
mV
Load Regulation
GL1118-5.0
VIN=8.0V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
GL1118-XXX
Io=0.8A ( VOUT =0.1% VOUT)
-
1.2
1.4
V
Current Limit
GL1118-XXX
VIN-VOUT=5V
0.9
-
-
A
Minimum Load Current
Adjustable model
Vin=5V
-
5
10
mA
Adjust Pin Current
Adjustable model
Vin=12V, Io=10mA
-
50
100
uA
Quiescent Current
fixed model
Vin=12V, Io=0mA
-
-
12
mA
Thermal Regulation
TA=25 ,30ms pulse
:
-
0.008 0.04 %/W
F=120Hz, COUT=25uF Tantalum, IOUT=0.8A
Ripple Rejection
GL1118-XXX
VIN=VOUT+3V
-
60
70
dB
Temperature Stability
IO=10mA
-
0.5
-
%
JA
Thermal Resistance
Junction-to-Ambient(No
heat sink ;No air flow)
-
117
-
/
: W
JC
Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
15
-
/
: W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation
are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the
output lead =1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 3W. Power dissipation is
determined by the difference between input and output and the output current. Guaranteed maximum power
dissipation will not be available over the full input/output range.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com